Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW07 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DW07
Description  High-current Busbar Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DW07 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DW07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DW07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MB-0296-1
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
5/5
<<Applicable Busbar Size>>
Part Number
t
DW07S01BAG1
3mm
DW07S01BAG2
4mm
DW07S01BAG3
5mm
DW07S01BAG4
6mm
Applicable Busbar Thickness (t)
Applicable Busbar Width (w)
Number of
Atttached
Connectors
w
Tolerance
1 connector
15mm
±
1mm
2 connectors
25mm
±
1mm
3 connectors
38mm
±
1mm
4 connectors
50mm
±
1mm
w
t
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc
Width
Thickness


Similar Part No. - DW07

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
DW07D FUMAN-DW07D Datasheet
230Kb / 6P
   2-in-1 lithium battery protection IC
More results

Similar Description - DW07

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2775126 PHOENIX-2775126 Datasheet
122Kb / 3P
   Return busbar - RS
02/04/2022
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
   Grounding busbar
logo
Leach International Cor...
HB-X2N LEACH-HB-X2N Datasheet
508Kb / 6P
   CONTACTOR, CURRENT SENSING BUSBAR MOUNTING 3 PSTAUX, 50 AMP
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
logo
HARTING Technology Grou...
09-93-001-0303 HARTING-09-93-001-0303 Datasheet
514Kb / 2P
   Han S-HBM w.MC black busbar
logo
Weidmuller
0316500000 WEIDMULLER-0316500000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
0502780000 WEIDMULLER-0502780000 Datasheet
48Kb / 1P
   Special terminal, special connections, PA, blue, Busbar
0266500000 WEIDMULLER-0266500000 Datasheet
58Kb / 2P
   Special terminal, special connections, Clamping yoke, Busbar
logo
Japan Aviation Electron...
DW05 JAE-DW05 Datasheet
1Mb / 9P
   High-Current Connector
logo
Hirose Electric
PS2 HIROSE-PS2 Datasheet
1Mb / 12P
   High Current Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com