Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF02P026G28A1 Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02P026G28A1
Description  Half-pitch (1.27mm) Interface Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02P026G28A1 Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DF02P026G28A1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DF02P026G28A1 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
9/11
[Plug Combinations and Part Numbers]
Specification
Part Number
No. of
Contacts
Lock Structure
Type
Connection
Applicable
Cable
Total Cable
Dia.
Plug
Hood
Clamp Plate
Applicable Processed
Outer Dia.
(For reference)
14
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 8.0
DF02P014G28A1
DF02C014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
14
Lock Spring
Straight
IDC
AWG 30
φ6.5 ~ 8.0
DF02P014G30A1
DF02C014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
14
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02C014A11
DF02D014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
20
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 9.0
DF02P020G28A1
DF02D020A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
20
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02P020F22A1
DF02D020A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
26
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 8.0
DF02P026G28A1
DF02C026A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
26
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02P026F22A1
DF02D026A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
26
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P026F22A1
DF02D026A21
Please contact us.
36
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 8.5
DF02P036G28A1
DF02C036A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
36
Lock Spring
Angle
Soldering AWG22 ~ 30 φ6.0 ~ 10.5
DF02P036F22A1
DF02F036A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.5 ~ 9.0
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
36
Screw Lock
Straight
Soldering AWG22 ~ 30
φ5.5 ~ 8.0
DF02P036F22A1
DF02D036B11
DF02HCLP04B
φ5.5 ~ 6.0
DF02HCLP12B
φ7.0 ~ 7.5
DF02HCLP06B
φ7.5 ~ 8.0
36
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P036F22A1
DF02F036A21
Please contact us.
50
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 10.5
DF02P050G28A1
DF02C050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
IDC
AWG 30
φ6.0 ~ 10.5
DF02P050G30A1
DF02C050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
Soldering AWG22 ~ 30 φ6.0 ~ 10.5
DF02P050F22A1
DF02D050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P050F22A1
DF02D050A21
Please contact us.
68
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 10.5
DF02P068G28A1
DF02C068A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5


Similar Part No. - DF02P026G28A1

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF02 WTE-DF02 Datasheet
50Kb / 3P
   1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diotech Company.
DF02 DIOTECH-DF02 Datasheet
752Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF02 FS-DF02 Datasheet
453Kb / 2P
   GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF02 SSE-DF02 Datasheet
14Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
DF02 PFS-DF02 Datasheet
171Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF02P026G28A1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS3H7 ISOCOM-IS3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
TLP281 ISOCOM-TLP281 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
   Half Pitch 1.27mm
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
   1.27mm Pitch Connector
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
   1.27mm PITCH PCI CONNECTOR
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
   1.27mm Pitch Stacking Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com