Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC3RX19JA2R1700 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC3RX19JA2R1700
Description  2 row, 0.4mm pitch, 19 position, compact connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC3RX19JA2R1700 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  DC3RX19JA2R1700 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC3RX19JA2R1700 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MB-0233-2
6/7
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
No.1
No.19
No.18
No.2
6.5
*Please refer to SJ Drawing when
considering this product.
Applicable Board Dimension
Receptacle --- On-board Type (all SMT version)
DC3R019HA1 [SJ111526]


Similar Part No. - DC3RX19JA2R1700

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC3 CHERRY-DC3 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
Murata Manufacturing Co...
DC3.15kV MURATA-DC3.15kV Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
logo
List of Unclassifed Man...
DC30A ETC-DC30A Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
DC30A-0406 ETC-DC30A-0406 Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
DC30A-0609 ETC-DC30A-0609 Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
More results

Similar Description - DC3RX19JA2R1700

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-153860-02 SAMTEC-ASP-153860-02 Datasheet
376Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD.
ASP-153860-01 SAMTEC-ASP-153860-01 Datasheet
352Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Adam Technologies, Inc.
2PCI--B22-F-110-2-1 ADAM-TECH-2PCI--B22-F-110-2-1 Datasheet
209Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
2PCI--A-F-110-2-1 ADAM-TECH-2PCI--A-F-110-2-1 Datasheet
220Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
List of Unclassifed Man...
USL ETC-USL Datasheet
880Kb / 4P
   0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
logo
M-System Co.,Ltd.
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
   Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
   Position Sensors 2-WIRE POSITION TRANSMITTER
logo
AVX Corporation
145801020002829 AVX-145801020002829 Datasheet
421Kb / 3P
   0.4mm Pitch Series 5801
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com