Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC3R019JA1 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC3R019JA1
Description  2 row, 0.4mm pitch, 19 position, compact connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC3R019JA1 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  DC3R019JA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC3R019JA1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MB-0233-2
7/7
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Product Drawings and Specifications
SJ111784
DC3R019JA7(Individual Unit)
SJ111785
DC3R019JA7R1500(Reel Unit)
SJ111076
DC3R019JA5(Individual Unit)
SJ111077
DC3R019JA5R1500(Reel Unit)
SJ111264
DC3RX19JA3(Individual Unit)
SJ111265
DC3RX19JA3R1700(Reel Unit)
SJ111288
DC3RX19JA2(Individual Unit)
SJ111289
DC3RX19JA2R1700(Reel Unit)
Part Number
Drawing No.
Specification
DC3R019JA1(Individual Unit)
SJ110571
JACS-30164
DC3R019JA1R1500(Reel Unit)
SJ110572
DC3R019HA1(Individual Unit)
SJ111526
DC3R019HA1R1900(Reel Unit)
SJ111527
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2882 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc


Similar Part No. - DC3R019JA1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
DC3 CHERRY-DC3 Datasheet
246Kb / 3P
   SUBMINIATURE — SEALED
logo
Murata Manufacturing Co...
DC3.15kV MURATA-DC3.15kV Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
logo
List of Unclassifed Man...
DC30A ETC-DC30A Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
DC30A-0406 ETC-DC30A-0406 Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
DC30A-0609 ETC-DC30A-0609 Datasheet
368Kb / 2P
   Create Best Small Electric DC Water Pump
More results

Similar Description - DC3R019JA1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-153860-02 SAMTEC-ASP-153860-02 Datasheet
376Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD.
ASP-153860-01 SAMTEC-ASP-153860-01 Datasheet
352Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD
logo
Japan Aviation Electron...
WA6 JAE-WA6 Datasheet
336Kb / 5P
   0.4mm pitch Board to Board connector
logo
Adam Technologies, Inc.
2PCI--B22-F-110-2-1 ADAM-TECH-2PCI--B22-F-110-2-1 Datasheet
209Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
2PCI--A-F-110-2-1 ADAM-TECH-2PCI--A-F-110-2-1 Datasheet
220Kb / 1P
   COMPACT 110 POSITION RIGHT ANGLE
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
List of Unclassifed Man...
USL ETC-USL Datasheet
880Kb / 4P
   0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
logo
M-System Co.,Ltd.
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
   Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
   Position Sensors 2-WIRE POSITION TRANSMITTER
logo
AVX Corporation
145801020002829 AVX-145801020002829 Datasheet
421Kb / 3P
   0.4mm Pitch Series 5801
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com