Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

802.11-WV-GENER Datasheet(PDF) 10 Page - Keysight Technologies

Part # 802.11-WV-GENER
Description  802.11ad Waveform Generation & Analysis Testbed, Reference Solution
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

802.11-WV-GENER Datasheet(HTML) 10 Page - Keysight Technologies

Back Button 802.11-WV-GENER Datasheet HTML 6Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 7Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 8Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 9Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 10Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 11Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 12Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 13Page - Keysight Technologies 802.11-WV-GENER Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10 | Keysight | 802.11ad Waveform Generation & Analysis Testbed, Reference Solution - Solution Brochure
Hardware Elements
The combination of this test equipment provides waveform generation and analysis up to millimeter-wave frequencies with up to 2 GHz
of modulation bandwidth. A Keysight representative can help to recommend the best hardware configuration based on the specific
application needs.
M8190A AXIe 12 GS/s arbitrary waveform generator
www.keysight.com/find/m8190a
The M8190A AWG is used to drive an E8267D PSG vector signal generator equipped with
wideband external I/Q inputs (option 016) to produce modulation bandwidths of up to
2 GHz on carrier signals up to 44 GHz. The M8190A is a 2-channel precision AWG that
can operate with 14-bit resolution at up to 8 GSa/s or 12-bit resolution up to 12 GSa/s. It
has 5 GHz of analog bandwidth and 2 GSa of memory per channel.
E8267D PSG vector signal generator
www.keysight.com/find/e8267d
The E8267D PSG vector signal generator provides wide-band signal generation to 44 GHz
The PSG includes wideband differential external I/Q inputs for modulation bandwidths
up to 2 GHz. For signal generation above 44 GHz, upconverters are available from
Keysight (58 to 64 GHz with N5152A) and N9029AV12 Virginia Diodes Inc. (60 to 90 GHz).
MXG microwave analog signal generators (N5183B) are used to provide the LOs for the
millimeter-wave upconverters.
N5183B MXG microwave analog signal generator
www.keysight.com/find/n5183b
N5183B MXG microwave analog signal generators are used to provide LOs for the
millimeter-wave upconverters and downconverters.
N5152A upconverter & N1999A downconverter
Contact Keysight for details.
The N5152A upconverter and N1999A downconverter were designed specifically for use
with 802.11ad systems. Both the upconverter and downconverter use a 5 GHz IF. The
upconverter has an output power of up to +5 dBm and also includes filters to produce
an image free output. The downconverter uses a preamp to enable low level signals for
analysis. An attenuator is included to optimize system performance.
N9029AV12-UDC/N9029AV15-UDC Millimeter-wave upconverter/
downconverter
www.keysight.com/find/SA_mmwave
The N9029AV15 & N9029AV12 millimeter-wave signal analyzer frequency extension
modules, offered by VDI, Inc., cover the V-Band (50 to 75 GHz) and E-Band (60 to 90
GHz) respectively. The standard units are downconverters, and with option UDC, a
single unit can be configured via jumpers to be either an upconverter or downconverter.
This enables upconverting IF signals from a PSG to millimeter-wave or downconverting
millimeter-wave signals to IF for analysis with an oscilloscope or signal analyzer.


Similar Part No. - 802.11-WV-GENER

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
   Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
   3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
   Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 802.11-WV-GENER

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5G-WV-GENER KEYSIGHT-5G-WV-GENER Datasheet
3Mb / 16P
   5G Waveform Generation & Analysis Testbed, Reference Solution
86100D-201 KEYSIGHT-86100D-201 Datasheet
1Mb / 2P
   Advanced Waveform Analysis Software
DDR4-FUNCTIONAL KEYSIGHT-DDR4-FUNCTIONAL Datasheet
3Mb / 10P
   DDR4 Functional/Protocol Debug and Analysis Reference Solution
logo
Pico Technology Ltd.
4000A PICO-4000A Datasheet
5Mb / 21P
   Crystal-clear waveform analysis
logo
Keysight Technologies
N8838A KEYSIGHT-N8838A Datasheet
1Mb / 10P
   E-Band Signal Analysis Solution
5G-CH-SOUND KEYSIGHT-5G-CH-SOUND Datasheet
1Mb / 10P
   5G Channel Sounding, Reference Solution
E7515A KEYSIGHT-E7515A Datasheet
1Mb / 7P
   VoLTE Battery Test, Reference Solution
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
logo
PLX Technology
NAS7820 PLX-NAS7820 Datasheet
183Kb / 3P
   Next Generation Media Networked Storage Solution
logo
Keysight Technologies
N9067C KEYSIGHT-N9067C Datasheet
1Mb / 12P
   Pulse Analysis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com