Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ4F001D37 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CJ4F001D37
Description  COAXIAL CONTACTS FOR D sub CONNECTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CJ4F001D37 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CJ4F001D37 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CJ4F001D37 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CJ4F001D37 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CJ4F001D37 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CJ4F001D37 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
91
COAXIAL CONNECTORS
CJ4 Series
■ FREQUENCY RANGE TO 3GHz
■ COAXIAL CONTACTS FOR D sub CONNECTORS
CJ4
Series
Coaxial contacts compatible with our general-purpose rectangular
D sub connectors of D*M series with special contact arrangements.
Mountable on a wide variety of D sub connectors with diverse
accessories, they can be used for a broad spectrum of applications
with different types of mounts.
These units are high performance models with an applicable
frequency range from DC to 3 GHz and with a voltage standing wave
ratio
(VSWR)of 1.2 or lower.
●An original design based on our excellent high frequency
technology provides outstanding reliability and performance.
●Cable to cable application with D sub connectors that can
accommodate coaxial contacts.
(Note)
●Applications : Base Station for Mobile Communications,
Wireless Applications, Measuring Instruments.
(Note)For applicable connectors of D*M series, see the additional
documents. Also applicable to board-to-cable connection
(Note)
JAE’s D sub connectors of D*ML series).
For details, contact us.
In addition to independent cable application type, we also harness
products which satisfy your specification are available.
For details please consult us.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 1.5D-V and 1.5D-W cables
: JAHL-20024-1
・For 0.085 inch semi-flexible cables : JAHL-20024-2
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC500V)
Center Contacts : 10 milliohms max.
Outer Contacts : 10 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
Copper Alloy/Nickel Plated
Contacts
PTFE
Insulator
Copper Alloy/Gold Plated over Nickel
15DV, 15DW Type body : Nickel plated
Shell
Retaining Ring
Copper Alloy/Nickel Plated
Ferrule
■Types and Combinations
●Contact
P/N:CJ4F00※D**
Jack
●Contact
P/N:CJ4A00※D**
Plug


Similar Part No. - CJ4F001D37

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
CJ4-12GK-N PF-CJ4-12GK-N Datasheet
235Kb / 2P
   Capacitive sensor
CJ4-12GK-N-10M PF-CJ4-12GK-N-10M Datasheet
235Kb / 2P
   Capacitive sensor
CJ4-12GK-N-5M PF-CJ4-12GK-N-5M Datasheet
235Kb / 2P
   Capacitive sensor
CJ4-12GK-N-Y235563 PF-CJ4-12GK-N-Y235563 Datasheet
220Kb / 2P
   Capacitive sensor
CJ40-FP-A0-P1 PF-CJ40-FP-A0-P1 Datasheet
229Kb / 2P
   Capacitive sensor
More results

Similar Description - CJ4F001D37

ManufacturerPart #DatasheetDescription
logo
FCI connector
DA3W3SA00 FCI-CONNECTOR-DA3W3SA00 Datasheet
56Kb / 1P
   SOCKET CONNECTORS SUB D FOR POWERS CONTACTS
logo
CONEC Elektronische Bau...
3003W3SXX99A10X CONEC-3003W3SXX99A10X Datasheet
154Kb / 2P
   Combination D-SUB without contacts, For straight high power, coaxial or high voltage contacts
logo
List of Unclassifed Man...
R125414000 ETC2-R125414000 Datasheet
11Mb / 51P
   Sub-miniature coaxial connectors
logo
CONEC Elektronische Bau...
132J25019X CONEC-132J25019X Datasheet
87Kb / 1P
   Combination D-SUB Contacts, Coaxial contacts - Angled - PCB termination - 3 solder pins
logo
Molex Electronics Ltd.
1731121735 MOLEX-1731121735 Datasheet
29Kb / 1P
   FCT Locator for Coaxial Contacts
08/25/2022
logo
Amphenol Corporation
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
   D-Sub connectors - Stamped and Formed Contacts
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
   Adapter for Coaxial Connectors
M24758-11-02-02 GLENAIR-M24758-11-02-02 Datasheet
111Kb / 2P
   Adapter for Coaxial Connectors
M24758-11C02 GLENAIR-M24758-11C02 Datasheet
50Kb / 2P
   Adapter for Coaxial Connectors
logo
PHOENIX CONTACT
HC-M4-KOAX-EWZ PHOENIX-HC-M4-KOAX-EWZ Datasheet
47Kb / 2P
   Contact removal tool for coaxial contacts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com