Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5G-CH-SOUND Datasheet(PDF) 4 Page - Keysight Technologies

Part # 5G-CH-SOUND
Description  5G Channel Sounding, Reference Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

5G-CH-SOUND Datasheet(HTML) 4 Page - Keysight Technologies

  5G-CH-SOUND Datasheet HTML 1Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 2Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 3Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 4Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 5Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 6Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 7Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 8Page - Keysight Technologies 5G-CH-SOUND Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
04 | Keysight | 5G Channel Sounding Reference Solution - Solution Brochure
Reference Solution Features and
Benefits
Features
Benefits
Calibrated and synchronized
wideband signal generation
and analysis at mmWave
frequencies
Confidence in accurate
broadband channel sounding
measurements for analysis of
new 5G channels
Multiple phase-coherent,
wideband digitizer channels
with optional FPGA for
real-time CIR analysis
Speeds data collection with
real-time CIR and requires less
disk space/memory
World’s first 5G exploration
library for design and simula-
tion in SystemVue
Flexible and scalable for new
5G tests as standards evolve
Key Performance Specifications
The Reference Solution provides for:
– Tx/Rx up to 44 GHz with 1 GHz bandwidth that is scalable to
higher frequencies with Keysight up/down converters
– 4 or 8 MIMO channels, extendable up to 104 channels
– Capture multiple, phase coherent channels for optional
real-time processing of Channel Impulse Response (CIR) in
On-board FPGAs
– IO control supports synchronizes Tx and Rx to <1 e-12
accuracy and <1e-12 stability
Key Product Specifications
M9703A AXIe 12-bit, 3.2 GS/s wideband digitizer
12-bit phase-coherent channels scalable from 8 to 104
channels
1 GHz analysis bandwidth with interleaving mode
Real-time CIR data processing in FPGA
M9362A-D01 PXIe microwave downconverter
4 coherent channels per module
26.5, 40, or 50 GHz frequency options
1 GHz analog bandwidth
M9352A PXI hybrid amplifier/attenuator
4 channels per module
1 GHz analog bandwidth with 36 dB gain
N5183B MXG microwave analog signal generator for uW LO
13, 20, 31.8, or 40 GHz
+20 dBm output power @ 20 GHz, +15 dBm @ 40 GHz
-124 dBc/Hz phase noise at 10 GHz and 10 kHz offset
-116 dBc/Hz phase noise @ 40 GHz
E8267D PSG vector signal generator
20, 31.8, 44 GHz extendable to 75, 90 or 110 GHz with
mmWave up converters
+23 dBm output power to 20 GHz and +13 dBm @ 40 GHz with
differential IQ outputs
External differential I/Q inputs with up to 2 GHz modulation
bandwidth
M8190A 12 GS/s arbitrary waveform generator
14-bit res up to 8 GS/s or 12-bit res up to 12 GS/s
2 GHz bandwidth when combined with PSG, or up to 8 GHz
standalone using doublet mode
Spurious-free-dynamic range (SFDR) up to 90 dBc, typical
2 GSa arbitrary waveform memory per channel with advanced
sequencing


Similar Part No. - 5G-CH-SOUND

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5G-WV-GENER KEYSIGHT-5G-WV-GENER Datasheet
3Mb / 16P
   5G Waveform Generation & Analysis Testbed, Reference Solution
More results

Similar Description - 5G-CH-SOUND

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
5G-WV-GENER KEYSIGHT-5G-WV-GENER Datasheet
3Mb / 16P
   5G Waveform Generation & Analysis Testbed, Reference Solution
LTE-A KEYSIGHT-LTE-A Datasheet
2Mb / 6P
   LTE/LTE-A Multi-Channel, Reference Solution
E7515A KEYSIGHT-E7515A Datasheet
1Mb / 7P
   VoLTE Battery Test, Reference Solution
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
logo
Vaisala
MW41 VAISALA-MW41 Datasheet
678Kb / 2P
   Sounding System MW41
ASAP VAISALA-ASAP Datasheet
309Kb / 2P
   Vaisala ASAP Sounding Station
MW32 VAISALA-MW32 Datasheet
1Mb / 2P
   MARWINâ Sounding System MW32
logo
Keysight Technologies
E6610A KEYSIGHT-E6610A Datasheet
1Mb / 8P
   Remote Radio Head Test, Reference Solution
N5193A KEYSIGHT-N5193A Datasheet
3Mb / 14P
   Multi-Emitter Scenario Generator, Reference Solution
802.11-WV-GENER KEYSIGHT-802.11-WV-GENER Datasheet
4Mb / 17P
   802.11ad Waveform Generation & Analysis Testbed, Reference Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com