Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H350 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10H350
Description  PECL to TTL Translato
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H350_16 Datasheet HTML 1Page - ON Semiconductor MC10H350_16 Datasheet HTML 2Page - ON Semiconductor MC10H350_16 Datasheet HTML 3Page - ON Semiconductor MC10H350_16 Datasheet HTML 4Page - ON Semiconductor MC10H350_16 Datasheet HTML 5Page - ON Semiconductor MC10H350_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H350
www.onsemi.com
4
TPZL
0.3 V
OE
1.5 V
1.5 V
1.5 V
TPZH
TPHZ
3-STATE OUTPUT HIGH ENABLE AND
DISABLE TIMES
OE
VOUT
0.3 V
VOL
1.5 V
1.5 V
1.5 V
TPLZ
Q VOH ≈ 3.5 V
+7.0 V
OPEN
ALL OTHER
TPZL, TPLZ, O, C,
500
W
500
W
D.U.T
.
50 PF
Figure 4. 3-State Switching Waveforms
3-STATE OUTPUT LOW ENABLE AND
DISABLE TIMES
Figure 5. Test Load
*INCLUDES JIG AND PROBE CAPACITANCE
VOUT
Application Note: Pin 9 is an OE and the MC10H350 is disabled when OE is at VIH or higher.


Similar Part No. - MC10H350_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350FN ONSEMI-MC10H350FN Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNR2 ONSEMI-MC10H350FNR2 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNR2G ONSEMI-MC10H350FNR2G Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350L ONSEMI-MC10H350L Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results

Similar Description - MC10H350_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
logo
Micrel Semiconductor
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com