Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N11M Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N11M
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N11M Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS60N11M Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS60N11M Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
424
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
For dual-units specify the taper of the
audio track. Servo track will always be
1B taper.
Total resistance
Code
Total resistance(k Ω)
103
10
503
50
104
100
254
250
Resistance taper
Code
B
A
D
Resistance taper
1B
15A
10A
R S 6 0 N 1 1 M
T 0
B 1 0 3
60
A0
60
100
Travel (mm)
Single-unit
Dual-unit
1
2
Number of resistor elements
Touch sense track
Code
Touch sense track
T0
Without
T1
With
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
Marked are specifications recommended by Alps.
Note
Motor-driven Master Type Slide Potentiometer(Motor N Fader) / Ordering Products Not Listed


Similar Part No. - RS60N11M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A05 ALPS-RS60N11M9A05 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
RS60N11M9A08 ALPS-RS60N11M9A08 Datasheet
353Kb / 7P
   Motor-driven Master Type竊뉾otor N Fader, Motor K Fader竊
RS60N11M9A0E ALPS-RS60N11M9A0E Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RS60N11M9A0E ETC-RS60N11M9A0E Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A0F ALPS-RS60N11M9A0F Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
More results

Similar Description - RS60N11M

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com