Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA0V Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0V
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0V Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RSA0V Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSA0V Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
425
Appoint the taper of audio track in the
case of dual-unit.
Servo track is surely 1B taper.
Resistance taper
Code
B
A
D
Resistance taper
1B
15A
10A
Code
Touch sense track
T0
Without
T1
With
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
Touch sense track
R S A 0 K 1 1 V
T 0
B 1 0 3
Single-unit
Dual-unit
1
2
Number of resistor elements
CP type
V
Type
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
D(10A)
A(15A)
J
Total resistance(k Ω)
Total resistance
Code
103
10
Marked are specifications recommended by Alps.
Note
Motor-driven Master Type (Motor K Fader) / Ordering Products Not Listed


Similar Part No. - RSA0V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RSA0V11M ALPS-RSA0V11M Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RSA0V11M ALPS-RSA0V11M Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSA0V11M9001 ALPS-RSA0V11M9001 Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RSA0V11M9001 ETC-RSA0V11M9001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0V

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com