Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNCK003D13 Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # BNCK003D13
Description  FREQUENCY RANGE TO 3GHz竊?0廓Type竊
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BNCK003D13 Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button BNCK003D13 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. BNCK003D13 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
34
COAXIAL CONNECTORS
BNC Series
■DUST CAP(For Receptacle & Jack)
Dimensions in millimeters
■Plastic Type
Part Number
:BNCD001Z00
●Material:PVC
φ10
17 Ref.


Similar Part No. - BNCK003D13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNC ETC1-BNC Datasheet
155Kb / 4P
   BNC50OHM
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
   BNC Type Connectors
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
logo
CamdenBoss Ltd.
BNC CAMDENBOSS-BNC Datasheet
249Kb / 1P
   DIN Rail mounting BNC coupler
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
More results

Similar Description - BNCK003D13

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TG25F SANREX-TG25F Datasheet
96Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
List of Unclassifed Man...
TG25C ETC-TG25C Datasheet
134Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
SanRex Corporation
TG25C SANREX-TG25C Datasheet
137Kb / 2P
   TRIAC竊뉹SOLATED TYPE竊
logo
Japan Aviation Electron...
CV10 JAE-CV10 Datasheet
320Kb / 7P
   FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
   FREQUENCY RANGE TO 3GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
   FREQUENCY RANGE TO 3GHz
716 JAE-716 Datasheet
289Kb / 5P
   FREQUENCY RANGE TO 3GHz
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com