Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS6550A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # DS6550A
Description  Synchronous DC-DC Step-Down Controller with 5V LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

DS6550A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button DS6550A Datasheet HTML 5Page - Richtek Technology Corporation DS6550A Datasheet HTML 6Page - Richtek Technology Corporation DS6550A Datasheet HTML 7Page - Richtek Technology Corporation DS6550A Datasheet HTML 8Page - Richtek Technology Corporation DS6550A Datasheet HTML 9Page - Richtek Technology Corporation DS6550A Datasheet HTML 10Page - Richtek Technology Corporation DS6550A Datasheet HTML 11Page - Richtek Technology Corporation DS6550A Datasheet HTML 12Page - Richtek Technology Corporation DS6550A Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT6550A
9
DS6550A-00 September 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VIN = 12V, VEN = 5V, No Load
Power On from EN
Time (400
μs/Div)
VEN
(5V/Div)
VOUT
(5V/Div)
VLDO5
(5V/Div)
Power Off from EN
Time (2ms/Div)
VIN = 12V, VEN = 5V, No Load
VEN
(5V/Div)
VOUT
(5V/Div)
VLDO5
(5V/Div)
Load Transient Response
Time (40
μs/Div)
IOUT
(5A/Div)
VOUT
(100mV/Div)
VEN = 1/4 VIN, VIN = 12V, IOUT = 0A to 6A
UGATE
(20V/Div)
LGATE
(5V/Div)
OVP
Time (40
μs/Div)
VEN = 1/4 VIN,
VIN = 12V,
No Load
VOUT
(2V/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
UVP
Time (400
μs/Div)
VEN = 1/4 VIN,
VIN = 12V,
No Load
VOUT
(2V/Div)
UGATE
(20V/Div)
LGATE
(5V/Div)
IOUT
(5A/Div)
VOUT
IOUT


Similar Part No. - DS6550A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
   650 Watts 12V
logo
Artesyn Technologies
DS650-3 ARTESYN-DS650-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
DS650-5 ARTESYN-DS650-5 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
logo
Astec America, Inc
DS650-9 ASTEC-DS650-9 Datasheet
100Kb / 4P
   650 Watts 48V
logo
Artesyn Technologies
DS650-9 ARTESYN-DS650-9 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS6550A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Richtek Technology Corp...
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com