Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H104FNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H104FNG
Description  Quad 2?륤nput AND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H104FNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H104FNG Datasheet HTML 1Page - ON Semiconductor MC10H104FNG Datasheet HTML 2Page - ON Semiconductor MC10H104FNG Datasheet HTML 3Page - ON Semiconductor MC10H104FNG Datasheet HTML 4Page - ON Semiconductor MC10H104FNG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 9
1
Publication Order Number:
MC10H104/D
MC10H104
Quad 2‐Input AND Gate
Description
The MC10H104 is a quad 2-input AND gate. One of the gates has
both AND/NAND outputs available. This MECL 10H
™ part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in propagation delay, and no increase in
power− supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 25 mW/Gate (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
www.onsemi.com
16
1
16
1
MC10H104P
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb-Free Package
PLLC−20
FN SUFFIX
CASE 775−02
20 1
10H104G
AWLYYWW
120
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H104FNG
PLCC−20
(Pb-Free)
46 Units/Tube
MC10H104FNR2G
PLCC−20
(Pb-Free)
500/Tape & Reel
PDIP-16
(Pb-Free)
MC10H104PG
25 Units/Tube


Similar Part No. - MC10H104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104FNG ONSEMI-MC10H104FNG Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
More results

Similar Description - MC10H104FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H102 ONSEMI-MC10H102_16 Datasheet
138Kb / 4P
   Quad 2?륤nput NOR Gate
August, 2016 ??Rev. 8
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
   5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10EP05 ONSEMI-MC10EP05_16 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
MC10H107 ONSEMI-MC10H107_16 Datasheet
136Kb / 5P
   Triple 2?륤nput Exclusive OR/Exclusive NOR Gate
August, 2016 ??Rev. 8
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com