Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS6257A Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # DS6257A
Description  6A, 18V, 500kHz, ACOTTM Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

DS6257A Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button DS6257A Datasheet HTML 3Page - Richtek Technology Corporation DS6257A Datasheet HTML 4Page - Richtek Technology Corporation DS6257A Datasheet HTML 5Page - Richtek Technology Corporation DS6257A Datasheet HTML 6Page - Richtek Technology Corporation DS6257A Datasheet HTML 7Page - Richtek Technology Corporation DS6257A Datasheet HTML 8Page - Richtek Technology Corporation DS6257A Datasheet HTML 9Page - Richtek Technology Corporation DS6257A Datasheet HTML 10Page - Richtek Technology Corporation DS6257A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT6257A/B
7
DS6257A/B-00 September 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 18V
VOUT = 1V,
L = 1.2
μH (744325120)
Output Voltage vs. Output Current
0.950
0.975
1.000
1.025
1.050
1.075
1.100
00.5
11.5
22.533.5
44.5
55.5
6
Output Current (A)
VOUT = 1V
VIN = 18V
VIN = 12V
VIN = 4.5V
Efficiency vs. Output Current
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 5V,
L = 3.3
μH (74437368033)
VIN = 8.5V
VIN = 12V
VIN = 18V
UVLO Threshold vs. Temperature
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling
VOUT = 1V, IOUT = 1A
EN Threshold vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
125
Temperature (°C)
EN_H
EN_L
VOUT = 1V, IOUT = 0A
Output Voltage vs. Output Current
4.9
5.0
5.1
5.2
5.3
00.5
11.5
22.533.5
44.5
55.5
6
Output Current (A)
VOUT = 5V
VIN = 18V
VIN = 12V
VIN = 8.5V


Similar Part No. - DS6257A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS620 DALLAS-DS620 Datasheet
294Kb / 15P
   Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS620 MAXIM-DS620 Datasheet
249Kb / 15P
   Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
logo
Richtek Technology Corp...
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
   5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
logo
Dallas Semiconductor
DS620U DALLAS-DS620U Datasheet
294Kb / 15P
   Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS620U MAXIM-DS620U Datasheet
249Kb / 15P
   Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
More results

Similar Description - DS6257A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6213A RICHTEK-RT6213A Datasheet
1Mb / 20P
   3A Peak, 18V, 500kHz, ACOTTM Step-Down Converter
January 2019
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
   6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
   2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
   4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
   5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com