Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP451FAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EP451FAG
Description  ECL 6-Bit Differential Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP451FAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100EP451FAG Datasheet HTML 2Page - ON Semiconductor MC100EP451FAG Datasheet HTML 3Page - ON Semiconductor MC100EP451FAG Datasheet HTML 4Page - ON Semiconductor MC100EP451FAG Datasheet HTML 5Page - ON Semiconductor MC100EP451FAG Datasheet HTML 6Page - ON Semiconductor MC100EP451FAG Datasheet HTML 7Page - ON Semiconductor MC100EP451FAG Datasheet HTML 8Page - ON Semiconductor MC100EP451FAG Datasheet HTML 9Page - ON Semiconductor MC100EP451FAG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
6
Table 9. 100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5 V to −3.0 V (Note 13)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
85
105
135
85
105
135
85
105
135
mA
VOH
Output HIGH Voltage (Note 14)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 14)
−1995
−1820
−1695
−1995
−1820
−1695
−1995
−1820
−1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1995
−1625
−1995
−1625
−1995
−1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 15)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
13. Input and output parameters vary 1:1 with VCC.
14. All loading with 50
W to VCC − 2.0 V.
15. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 16)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTpp
Output Voltage Amplitude @ 3 GHz
(Figure 4) (Note 17)
540
670
520
650
450
580
mV
tPLH,
tPHL
Propagation Delay to
CLK to Q, Q
Output Differential
MR to Q, Q
330
430
430
530
530
630
350
450
450
550
550
650
390
490
490
590
590
690
ps
tRR
Reset Recovery
MR to CLK
240
145
250
150
260
160
ps
tS
tH
Setup Time
D to CLK
Hold Time
CLK to D
80
80
40
40
80
80
40
40
80
80
40
40
ps
tPW
Minimum Pulse Rate
MR
400
400
400
ps
tSKEW
Within−Device Skew (Note 18)
Device−To−Device Skew (Note 19)
20
35
40
100
20
35
40
100
20
35
40
100
tJITTER
CLOCK Random Jitter (RMS)
@
v3.0 GHz (Figure 4)
0.2
1
0.2
1
0.2
1
ps
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
100
100
150
150
250
250
110
110
160
160
260
260
130
130
180
180
280
280
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
16. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
17. VOL and VOH specifications not guaranteed for Fmax testing.
18. Skew is measured between outputs under identical transitions and conditions on any one device.
19. Device−To−Device skew for identical transitions at identical VCC levels.


Similar Part No. - MC100EP451FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP451FAG ONSEMI-MC100EP451FAG Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC100EP451FAG ONSEMI-MC100EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Similar Description - MC100EP451FAG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
ON Semiconductor
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10E451 ONSEMI-MC10E451_06 Datasheet
134Kb / 9P
   5V ECL 6?묪it D Register Differential Data and Clock
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com