Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP446MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP446MNG
Description  8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP446MNG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP446MNG Datasheet HTML 1Page - ON Semiconductor MC10EP446MNG Datasheet HTML 2Page - ON Semiconductor MC10EP446MNG Datasheet HTML 3Page - ON Semiconductor MC10EP446MNG Datasheet HTML 4Page - ON Semiconductor MC10EP446MNG Datasheet HTML 5Page - ON Semiconductor MC10EP446MNG Datasheet HTML 6Page - ON Semiconductor MC10EP446MNG Datasheet HTML 7Page - ON Semiconductor MC10EP446MNG Datasheet HTML 8Page - ON Semiconductor MC10EP446MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 11
1
Publication Order Number:
MC10EP446/D
MC10EP446, MC100EP446
3.3 V/5 V 8‐Bit
CMOS/ECL/TTL Data Input
Parallel/Serial Converter
Description
The MC10/100EP446 is an integrated 8−bit parallel to serial data
converter. The device is designed with unique circuit topology to
operate for NRZ data rates up to 3.2 Gb/s. The conversion sequence
from parallel data into a serial data stream is from bit D0 to D7. The
parallel input pins D0−D7 are configurable to be threshold controlled by
CMOS, ECL, or TTL level signals. The serial data rate output can be
selected at internal clock data rate or twice the internal clock data rate
using the CKSEL pin.
Control pins are provided to reset (SYNC) and disable internal clock
circuitry (CKEN). In either CKSEL modes, the internal flip−flops are
triggered on the rising edge for CLK and the multiplexers are switched
on the falling edge of CLK, therefore, all associated specification
limits are referenced to the negative edge of the clock input.
Additionally, VBB pin is provided for single−ended input condition.
The 100 Series devices contain temperature compensation network.
Features
3.2 Gb/s Typical Data Rate Capability
Differential Clock and Serial Outputs
VBB Output for Single-ended Input Applications
Asynchronous Data Reset (SYNC)
PECL Mode Operating Range:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Parallel Interface Can Support PECL, TTL or CMOS
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or
G = Pb−Free Package
MCxxx
EP446
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
MCxxx
EP446
AWLYYWW
G
G
1
(Note: Microdot may be in either location)


Similar Part No. - MC10EP446MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP446MNG ONSEMI-MC10EP446MNG Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
More results

Similar Description - MC10EP446MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com