Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA338 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA338
Description  Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA338 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA338 Datasheet HTML 5Page - Texas Instruments INA338 Datasheet HTML 6Page - Texas Instruments INA338 Datasheet HTML 7Page - Texas Instruments INA338 Datasheet HTML 8Page - Texas Instruments INA338 Datasheet HTML 9Page - Texas Instruments INA338 Datasheet HTML 10Page - Texas Instruments INA338 Datasheet HTML 11Page - Texas Instruments INA338 Datasheet HTML 12Page - Texas Instruments INA338 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
INA337, INA338
9
SBOS222A
www.ti.com
INA337
V
O Filtered
V
O
6
G = 2(R
2/R1)
f
O = 1kHz
R
O
100
C
O
(1)
1
µF
R
2
C
2
(1)
7
V+
4
0.1
µF
V–
5
Single-Supply Operation
IA
COMMON
(2)
IA
COMMON
(2)
INA337
R
1
R
1
V
IN–
V
IN+
V
O Filtered
V
O
6
2
1
8
3
G = 2(R
2/R1)
f
O = 1kHz
R
O
100
C
O
(1)
1
µF
R
2
C
2
(1)
7
+2.5V
4
0.1
µF
–2.5V
5
Dual-Supply Operation
NOTES: (1) C
2 and CO combine to form a 2-pole response that is –3dB at 1kHz.
Each individual pole is at 1.5kHz. (2) Output voltage is referenced to IA
COMMON (see text).
NOTES: (1) C
2 and CO combine to form a 2-pole response that is –3dB at 1kHz.
Each individual pole is at 1.5kHz. (2) Output voltage is referenced to IA
COMMON (see text).
(3) Output pedestal required for measurement near zero (see Figure 6).
1
8
V
IN–
V
IN+
2
3
(3)
DESIRED
R1
R2 || C2
GAIN
(
)(|| nF)
0.1
400k
20k || 5
0.2
400k
40k || 2.5
0.5
400k
100k || 1
1
400k
200k || 0.5
2
200k
200k || 0.5
5
80k
200k || 0.5
10
40k
200k || 0.5
20
20k
200k || 0.5
50
8k
200k || 0.5
100
4k
200k || 0.5
200
2k
200k || 0.5
500
2k
500k || 0.2
1000
2k
1M || 0.1
2000
2k
2M || 0.05
5000
2k
5M || 0.02
10000
2k
10M || 0.01
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation of
the INA337. A 0.1
µF capacitor, placed close to and across the
power-supply pins is strongly recommended for highest accu-
racy. RoCo is an output filter that minimizes auto-correction
circuitry noise. This output filter may also serve as an anti-
aliasing filter ahead of an Analog-to-Digital (A/D) converter. It
is also optional based on desired precision.
The output reference terminal is taken at the low side of R2
(IACOMMON).
The INA337 uses a unique internal topology to achieve excel-
lent common-mode rejection (CMR). Unlike conventional in-
strumentation amplifiers, CMR is not affected by resistance in
the reference connections. See “Inside the INA337” for further
detail. To achieve best high-frequency CMR, minimize capaci-
tance on pins 1 and 8.
FIGURE 1. Basic Connections. NOTE: Connections for INA338 differ—see Pin Configuration for detail.
SETTING THE GAIN
The INA337 is a 2-stage amplifier with each stage gain set
by R1 and R2, respectively (see Figure 4, “Inside the INA337",
for details.) Overall gain is described by the equation:
G
R
R
=
2 2
1
(1)
The stability and temperature drift of the external gain-setting
resistors will affect gain by an amount that can be directly
inferred from the gain equation (1).
Resistor values for commonly used gains are shown in
Figure 1. Gain-set resistor values for best performance are
different for +5V single-supply and for
±2.5V dual-supply
operation. Optimum value for R1 can be calculated by:
R1 = VIN, MAX/12.5µA(2)
where R1 must be no less than 2kΩ.
DESIRED
R1
R2 || C2
GAIN
(
)(|| nF)
0.1
400k
20k || 5
0.2
400k
40k || 2.5
0.5
400k
100k || 1
1
200k
100k || 1
2
100k
100k || 1
5
40k
100k || 1
10
20k
100k || 1
20
10k
100k || 1
50
4k
100k || 1
100
2k
100k || 1
200
2k
200k || 0.5
500
2k
500k || 0.2
1000
2k
1M || 0.1
2000
2k
2M || 0.05
5000
2k
5M || 0.02
10000
2k
10M || 0.01


Similar Part No. - INA338

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA338 TI1-INA338 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA338AIDGSR TI1-INA338AIDGSR Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA338AIDGST TI1-INA338AIDGST Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com