Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP139DWR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC100EP139DWR2G
Description  Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DWR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC100EP139DWR2G Datasheet HTML 6Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 7Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 8Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 9Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 10Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 11Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 12Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 13Page - ON Semiconductor MC100EP139DWR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC10EP139, MC100EP139
www.onsemi.com
11
ORDERING INFORMATION
Device
Package
Shipping
MC10EP139DTG
TSSOP−20 WB
(Pb-Free)
75 Units / Tube
MC10EP139DTR2G
TSSOP−20 WB
(Pb-Free)
2500 / Tape & Reel
MC10EP139DWG
SOIC−20 WB
(Pb-Free)
38 Units / Tube
MC10EP139DWR2G
SOIC−20 WB
(Pb-Free)
1000 / Tape & Reel
MC100EP139DTG
TSSOP−20 WB
(Pb-Free)
75 Units / Tube
MC100EP139DTR2G
TSSOP−20 WB
(Pb-Free)
2500 / Tape & Reel
MC100EP139DWG
SOIC−20 WB
(Pb-Free)
38 Units / Tube
MC100EP139DWR2G
SOIC−20 WB
(Pb-Free)
1000 / Tape & Reel
MC100EP139MNG
QFN−20
(Pb-Free)
92 Units / Tube
MC100EP139MNTXG
QFN−20
(Pb-Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EP139DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP139DWR2G ONSEMI-MC100EP139DWR2G Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
More results

Similar Description - MC100EP139DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_16 Datasheet
173Kb / 9P
   Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC10EL34 ONSEMI-MC10EL34 Datasheet
94Kb / 3P
   첨2,첨4,첨8 Clock Generation Chip
1996 REV 2
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com