Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP11 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EP11
Description  ECL 1:2 Differential Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP11 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP11 Datasheet HTML 2Page - ON Semiconductor MC10EP11 Datasheet HTML 3Page - ON Semiconductor MC10EP11 Datasheet HTML 4Page - ON Semiconductor MC10EP11 Datasheet HTML 5Page - ON Semiconductor MC10EP11 Datasheet HTML 6Page - ON Semiconductor MC10EP11 Datasheet HTML 7Page - ON Semiconductor MC10EP11 Datasheet HTML 8Page - ON Semiconductor MC10EP11 Datasheet HTML 9Page - ON Semiconductor MC10EP11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC10EP11, MC100EP11
www.onsemi.com
6
Table 9. 100EP DC CHARACTERISTICS, NECL (VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
26
35
44
26
35
44
26
35
46
mA
VOH
Output HIGH Voltage (Note 2)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 2)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single-Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC.
2. All loading with 50 W to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. AC CHARACTERISTICS (VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
CLK to Q, Q
140
200
250
160
220
270
180
240
300
ps
tSKEW
Within Device Skew
Q0, Q1 (Note 2)
Device-to-Device Skew
10
15
110
15
20
110
20
25
120
ps
tJITTER
Random Clock Jitter (RMS) (Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VINPP
Input Voltage Swing Sensitivity
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%) @ 1.0 GHz
70
120
170
80
130
180
90
150
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.


Similar Part No. - MC10EP11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11 Datasheet
76Kb / 8P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
MC10EP11 ONSEMI-MC10EP11 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
MC10EP116 ONSEMI-MC10EP116 Datasheet
122Kb / 8P
   Hex Differential Line Receiver
March, 2000 ??Rev. 3
MC10EP116 ONSEMI-MC10EP116 Datasheet
173Kb / 11P
   3.3 V / 5 V Hex Differential Line Receiver/Driver
December, 2006 ??Rev. 11
More results

Similar Description - MC10EP11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com