Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP01 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP01
Description  V ECL 4-Input OR/NOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP01 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP01_16 Datasheet HTML 1Page - ON Semiconductor MC10EP01_16 Datasheet HTML 2Page - ON Semiconductor MC10EP01_16 Datasheet HTML 3Page - ON Semiconductor MC10EP01_16 Datasheet HTML 4Page - ON Semiconductor MC10EP01_16 Datasheet HTML 5Page - ON Semiconductor MC10EP01_16 Datasheet HTML 6Page - ON Semiconductor MC10EP01_16 Datasheet HTML 7Page - ON Semiconductor MC10EP01_16 Datasheet HTML 8Page - ON Semiconductor MC10EP01_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10EP01, MC100EP01
www.onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
D1
Q
D2
D3
D0
Figure 1. 8-Lead Pinout (Top View)
and Logic Diagram
Table 1. PIN DESCRIPTION
Pin
Function
D0 − D3
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
EP
(DFN8 only) Thermal exposed pad must be
connected to a sufficient thermal conduit. Elec-
trically connect to the most negative supply
(GND) or leave unconnected, floating open.
Table 2. TRUTH TABLE
D0*
D1*
D2*
D3*
Q
Q
L
L
L
L
L
H
H
X
X
X
H
L
X
H
X
X
H
L
X
X
H
X
H
L
X
X
X
H
H
L
H
H
H
H
H
L
*Pins will default LOW when left open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb-Free Pkg
SOIC−8 NB
TSSOP−8
DFN8
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
115 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC10EP01_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016FA ONSEMI-MC10EP016FA Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
More results

Similar Description - MC10EP01_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EL01 ONSEMI-MC10EL01_16 Datasheet
156Kb / 7P
   5V ECL 4?륤nput OR/NOR
July, 2016 ??Rev. 7
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC10E101 ONSEMI-MC10E101_16 Datasheet
153Kb / 7P
   5V ECL Quad 4?륤nput OR/NOR Gate
July, 2016 ??Rev. 9
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com