Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL89 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10EL89
Description  5V ECL Coaxial Cable Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL89 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10EL89 Datasheet HTML 1Page - ON Semiconductor MC10EL89 Datasheet HTML 2Page - ON Semiconductor MC10EL89 Datasheet HTML 3Page - ON Semiconductor MC10EL89 Datasheet HTML 4Page - ON Semiconductor MC10EL89 Datasheet HTML 5Page - ON Semiconductor MC10EL89 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10EL89
www.onsemi.com
4
Table 6. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
1.5
Gb/s
tPLH
tPHL
Propagation Delay to Output
200
340
480
260
350
440
310
400
490
ps
tSKEW
Within-Device Skew
5
20
5
20
5
20
ps
tJITTER
Random Clock Jitter (RMS)
5
5
5
ps
VPP
Input Swing (Note 2)
150
150
400
150
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
205
330
455
205
330
455
205
330
455
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary +0.25 V / −0.5 V.
2. VPP(min) is the minimum input swing for which AC parameters are guaranteed. The device has a DC gain of ≈ 40.
150W
150W
VEE
0.1mF
75W
75W
75W COAX
0.1mF
75W
75W
75W COAX
EL89
DC BLOCKING CAPACITORS
Figure 2. EL89 CATV Termination Configuration
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V


Similar Part No. - MC10EL89

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
MC10EL89 ONSEMI-MC10EL89 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89D ONSEMI-MC10EL89D Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10EL89D ONSEMI-MC10EL89D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL89DG ONSEMI-MC10EL89DG Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com