Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME20A1803Q01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # ME20A1803Q01
Description  20W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME20A1803Q01 Datasheet(HTML) 1 Page - SL Power Electronics

  ME20A1803Q01 Datasheet HTML 1Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 2Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 3Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 4Page - SL Power Electronics ME20A1803Q01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ME20
20W Single Output External Power
Medical Series
www.slpower.com
ME20 Rev 2.7
2-MAY-16
1
Features
Meets UL/EN/IEC60601-1-2, 4th ed. for EMC
*
Approved to EN/IEC/UL60601-1, 3rd edition
with isolation levels which satisfy the 2 MOPP
requirements.
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 20W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
6db margin
E-cap life of >10 years
>1,000,000 Hours MTBF
3 Year Warranty
IP22 Rated Enclosure
Description
A high performance AC to DC external power supply family designed for medical applications. The ME20A Medical Series
low power external AC-DC power supplies are approved to safety EN/IEC/UL60601-1, 3rd edition with isolation levels
which satisfy the 2 MOPP requirements and designed to UL/EN/IEC60601-1-2, 4th edition for EMC
*. The ME20A Series
models will operate at universal input range of 90 to 264Vac over the wide temperature range of -20°C to +50°C,
delivering full rated output power up to +40°C and applicable output power derating at 50
°C. These models are available
in desktop and wall-plug versions; include an IP22 rating per IEC60529 for the enclosure, and output cable terminated at
a variety of output connectors. These models use only high quality electrolytic capacitors, providing greater than 10
years life operating at rated output conditions.
*Consult Factory for Table 9 compliance information.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Connector
Configuration
ME20A0503F01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class I Desktop,
IEC60320 C14
Receptacle
ME20A0603F01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
ME20A0703F01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
ME20A0903F01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
ME20A1203F01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
ME20A1503F01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
ME20A1803F01
18.0V
1.00A
18W
180mV pk-pk
±1%
±5%
ME20A2403F01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
ME20A4803F01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
ME20A0503N01
5.0V
3.00A
15W
75mV pk-pk
±1%
±5%
2.5 x 5.5 x 9.5mm
Straight Barrel Type,
center positive
Class II Desktop,
IEC60320 C8
Receptacle
ME20A0603N01
5.9V
2.50A
15W
75mV pk-pk
±1%
±5%
ME20A0703N01
7.5V
2.00A
15W
75mV pk-pk
±1%
±5%
ME20A0903N01
9.0V
2.00A
18W
90mV pk-pk
±1%
±5%
ME20A1203N01
12.0V
1.50A
18W
120mV pk-pk
±1%
±5%
ME20A1503N01
15.0V
1.20A
18W
150mV pk-pk
±1%
±5%
ME20A1803N01
18.0V
1.00A
18W
180mV pk-pk
±1%
±5%
ME20A2403N01
24.0V
0.83A
20W
240mV pk-pk
±1%
±5%
ME20A4803N01
48.0V
0.42A
20W
480mV pk-pk
±1%
±5%
LPS


Similar Part No. - ME20A1803Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME20A1803Q01 SLPOWER-ME20A1803Q01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
More results

Similar Description - ME20A1803Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com