Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME20A0603Q01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # ME20A0603Q01
Description  20W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME20A0603Q01 Datasheet(HTML) 4 Page - SL Power Electronics

  ME20A0603Q01 Datasheet HTML 1Page - SL Power Electronics ME20A0603Q01 Datasheet HTML 2Page - SL Power Electronics ME20A0603Q01 Datasheet HTML 3Page - SL Power Electronics ME20A0603Q01 Datasheet HTML 4Page - SL Power Electronics ME20A0603Q01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ME20
20W Single Output External Power
Medical Series
www.slpower.com
ME20 Rev 2.7
2-MAY-16
4
ME20 Series Output Power Derating Curve
Mechanical Drawings
IEC60320 C14 Receptacle, 2.5 x 5.5 x 9.5mm Barrel Connector
Interchangeable N.A. Blade, 2.5 x 5.5 x 9.5mm barrel connector
Notes:
1. All dimensions in mm.
2. Interchangeable blade models come with North American blade fitted. For other blades (EU, UK, Aust.) order blade kit KT1027K.
3. The unit should not be covered or enclosed to protect against excessive case temperature rise.
0
5
10
15
20
25
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature ͦC
5V
12V-18V
24V
48V


Similar Part No. - ME20A0603Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME20A0503B01 SLPOWER-ME20A0503B01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME20A0503C01 SLPOWER-ME20A0503C01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME20A0503F01 SLPOWER-ME20A0503F01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME20A0503N01 SLPOWER-ME20A0503N01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME20A0503Q01 SLPOWER-ME20A0503Q01 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
More results

Similar Description - ME20A0603Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com