Electronic Components Datasheet Search |
|
CENB1040A1203F01 Datasheet(PDF) 2 Page - SL Power Electronics |
|
CENB1040A1203F01 Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 2 page ______________________________________________________________________________________________________________________________ 2 of 2 SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com 102 60 31.5 1200 +/-25 Model Number Volts (V) Output Current (max) Max Watts Ripple (Vp-p max) CENB1040A0503F01 5 V 5.00 A 25.0 W 50mV CENB1040A0903F01 9 V 4.00 A 36.0 W 90mV CENB1040A1203F01 12 V 3.40 A 40.8 W 120mV CENB1040A1503F01 15 V 2.76 A 40.5 W 150mV CENB1040A1803F01 18 V 2.20 A 39.6 W 180mV CENB1040A2403F01 24 V 1.70 A 40.8 W 240mV CENB1040A4803F01 48 V 0.83 A 39.8 W 480mV Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options. Model "A" = Original Configuration Product Fam ily: "C" = Com m ercial/ITE/Industrial, "E" = External, "NB" = Model Series Designator Output Pow er: "040" = 40 Watts # of Outputs "1" = Single Output "01" = Standard. "02" and higher indicates a m odified m odel. Model Output Voltage: "05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc. Input Connector: "F" = IEC320 C14 grounded, Other options available, see next page. Output Connector: "03" = 2.5m m Barrel Type Connector. Other options available, contact factory. Model Number Key VV 03 CENB 01 1 040 A F IEC320 - C14 IEC320 - C18 IEC320 - C8 Class I Class II Class II Grounded (F) Ungro unded (Q) "Shaver" (N) Input Receptacle Options Output Connector Outline Drawing Dimensions are in mm Data Sheet © 2014 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. Rev. 10-30-2014 However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice. ITE Switch Mode Power Supply 3 Year Warranty CENB1040 Universal 40 Watt Series |
Similar Part No. - CENB1040A1203F01 |
|
Similar Description - CENB1040A1203F01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |