Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1150A4806K01 Datasheet(PDF) 3 Page - SL Power Electronics

Part # CINT1150A4806K01
Description  the latest offering in high density single output open-frame AC/DC power supplies.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1150A4806K01 Datasheet(HTML) 3 Page - SL Power Electronics

  CINT1150A4806K01 Datasheet HTML 1Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 2Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 3Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 4Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 5Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 6Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 7Page - SL Power Electronics CINT1150A4806K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CINT1150
150W Single Output
Industrial Series
www.slpower.com
CINT1150 REV 2.7, 11-JUNE-13
3
EMI/EMC Compliance
Conducted Emissions
EN55011/22 Class B, FCC Part 15, Subpart B, Class B
Radiated Emissions
EN55011/22 Class A, FCC Part 15, Subpart B, Class A w/6db margin
Static Discharge Immunity
EN61000-4-2, Criteria A, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m. Criteria A
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz, Criteria A
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode, Criteria A
Conducted RF Immunity
EN61000-4-6, 3Vrms, Criteria A
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m, Criteria A
Voltage Dip Immunity
EN61000-4-11, 0% Vin, 0.5cycle; 40% Vin, 5 cycles; 70% Vin, 25 cycles;
Criteria A
Line Harmonic Emissions
EN61000-3-2, Class A, B, C, & D
Flicker Test
EN61000-3-3, Complies (dmax<6%)
Mechanical Drawing


Similar Part No. - CINT1150A4806K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1150A4806K01 SLPOWER-CINT1150A4806K01 Datasheet
636Kb / 8P
   The CINT1150 family is the latest offering in high density single output open-frame AC/DC power supplies.
More results

Similar Description - CINT1150A4806K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1150 SLPOWER-CINT1150 Datasheet
636Kb / 8P
   The CINT1150 family is the latest offering in high density single output open-frame AC/DC power supplies.
logo
MicroPower Direct, LLC
MPO-25S MPD-MPO-25S Datasheet
228Kb / 2P
   Single Output, 25W Compact, Open Frame AC/DC Power Supplies
MPO-120S MPD-MPO-120S Datasheet
2Mb / 5P
   Single Output, 180W Compact, Open Frame AC/DC Power Supplies
MPG-120S MPD-MPG-120S Datasheet
354Kb / 2P
   Single Output, 120W Green, Open Frame AC/DC Power Supplies
MPO-45S MPD-MPO-45S Datasheet
317Kb / 2P
   Single Output, 45W Compact, Open Frame AC/DC Power Supplies
MPO-65S MPD-MPO-65S Datasheet
283Kb / 2P
   Single Output, 65W Compact, Open Frame AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com