Electronic Components Datasheet Search |
|
ME10A0903F01 Datasheet(PDF) 2 Page - SL Power Electronics |
|
ME10A0903F01 Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 4 page ME10 10W-12W Single Output External Power Medical Series www.slpower.com ME10 Rev 2.7 02-MAY-16 2 Model Selection (continued) Model Output Output Ripple & Line Load Output Input Number Volts Current Power Noise ¹ Regulation Regulation Connector Configuration ME10A0503B01 5.0V 2.0A 10W 75mV pk-pk ±1% ±5% 2.5 x 5.5 x 9.5mm Straight Barrel Type, center positive Class II Wall-Plug, Interchangeable Blades (North American Blade included) ² ME10A0603B01 5.9V 1.6A 10W 75mV pk-pk ±1% ±5% ME10A0703B01 7.5V 1.3A 10W 75mV pk-pk ±1% ±5% ME10A0903B01 9.0V 1.1A 10W 90mV pk-pk ±1% ±5% ME10A1203B01 12.0V 1.0A 12W 120mV pk-pk ±1% ±5% ME10A1503B01 15.0V 0.8A 12W 150mV pk-pk ±1% ±5% ME10A2403B01 24.0V 0.5A 12W 240mV pk-pk ±1% ±5% ME10A0503C01 5.0V 2.0A 10W 75mV pk-pk ±1% ±5% 2.5 x 5.5 x 9.5mm Straight Barrel Type, center positive Class II Wall-Plug, Fixed North American Blades³ ME10A0603C01 5.9V 1.6A 10W 75mV pk-pk ±1% ±5% ME10A0703C01 7.5V 1.3A 10W 75mV pk-pk ±1% ±5% ME10A0903C01 9.0V 1.1A 10W 90mV pk-pk ±1% ±5% ME10A1203C01 12.0V 1.0A 12W 120mV pk-pk ±1% ±5% ME10A1503C01 15.0V 0.8A 12W 150mV pk-pk ±1% ±5% ME10A2403C01 24.0V 0.5A 12W 240mV pk-pk ±1% ±5% Notes: 1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and 6V models, values listed are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point. 2. Order blade kit KT-1027K for other blades (EU. UK, Australia) 3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”. 4. For Input Class I models: For AC GND connected to output common (-), insert a “B” in the part number where the “A” is located (ME10B0503F01). 5. All specifications are typical at nominal input, full load, at 25 °C ambient unless noted. General Specifications AC Input 100-240Vac, ±10%, 47-63Hz, 1 ∅ Turn On Time Less than 700mS @115Vac, full load Input Current 115Vac: 0.45A, 230Vac: 0.22A Hold-up Time 20mS min., at full Load, 100Vac input Inrush Current 264Vac, cold start: will not exceed 40A Overtemperature Protection Will shutdown upon an overtemperature condition, auto-recovery. Input Fuses F1, F2: 3.15A, 250Vac fuses (line & neutral lines) provided on all models Overload Protection 130 to 180% of rating, Hiccup Mode Earth Leakage Current Input-GND: <500μA@264Vac, 60Hz, NC Output-GND: <4mA@264Vac, 60Hz, NC Short Circuit Protection Hiccup Mode, auto recovery. Efficiency >87%, typical Overvoltage Protection 130 to 150% of output voltage, hiccup mode Output Power 10 to 12W continuous – See models chart for specific voltage model ratings. Isolation Input-Output: 2 MOPP Input-Ground: 1 MOPP Output-Ground: 1500Vac No Load Input Power <0.1W per DoE Efficiency Level VI Requirements Safety Standards EN/IEC/UL60601-1, 3rd edition and EN/IEC/UL60601-1-11:2010 for Home Healthcare Ripple and Noise See models chart Operating Temperature -20°C to +70°C Output Voltage See models chart Temperature Derating See derating chart Transient Response 500 µs response time for return to within 0.5% of final value for any 50% load step over the range of 5% to 100% of rated load, ∆i/∆t< 0.2A/ µs. Max. voltage deviation is +/-3.5%. Storage Temperature -40°C to +85°C Regulation See models chart Altitude Operating: to 5000m. Non-operating: -500 to 40,000 ft. Drop Test 1.4m from table top to wooden platform, 6 faces. Relative Humidity 5% to 95%, non-condensing Vibration Operating: 0.003g/Hz, 1.5grms overall, 3 axes, 10 min/axis, 1-500Hz. Non-Oper.: random waveform, 3 minutes per axis, 3 axes and Sine waveform, Vib. frequency/acceleration: 10-500Hz/1g, sweep rate of 1 octave / minutes, Vibration time of 10 sweeps / axes, 3 axes Shock Operating: Half-sine, 20gpk, 10mS, 3 axes, 6 shocks total Non-Operating: Half-sine waveform, impact acceleration of 100G, Pulse duration of 6 mS, Number of shocks: 3 for each of the three axis E-Cap Life >10 year life based on calculations at 115Vac/60Hz & 230Vac/50Hz, ambient 25°C at 24 hrs per day, 365 days/year, 6 power up cycles per day. MTBF >1,000,000 hours, full load, 110 & 220Vac input, 25 °C amb., per Telcordia 332 Issue 6, Stress Method. |
Similar Part No. - ME10A0903F01 |
|
Similar Description - ME10A0903F01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |