Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MENB1020A2403F01 Datasheet(PDF) 2 Page - SL Power Electronics

Part # MENB1020A2403F01
Description  Medical Switch-Mode Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MENB1020A2403F01 Datasheet(HTML) 2 Page - SL Power Electronics

  MENB1020A2403F01 Datasheet HTML 1Page - SL Power Electronics MENB1020A2403F01 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
______________________________________________________________________________________________________________________________
2 of 2
SL Power Electronics Corp
6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
MENB1020A0303F01
3.3 V
3.00 A
9.9 W
50 mV
MENB1020A0503F01
5 V
3.00 A
15.0 W
50 mV
MENB1020A0603F01
6 V
2.50 A
15.0 W
60 mV
MENB1020A0703F01
7.5 V
2.00 A
15.0 W
75 mV
MENB1020A0903F01
9 V
2.00 A
18.0 W
90mV
MENB1020A1203F01
12 V
1.50 A
18.0 W
120mV
MENB1020A1403F01
14 V
1.20 A
16.8 W
140mV
MENB1020A1503F01
15 V
1.20 A
18.0 W
150mV
MENB1020A1803F01
18 V
1.00 A
18.0 W
180mV
MENB1020A2403F01
24 V
0.75 A
18.0 W
240mV
MENB1020A4803F01
48 V
0.40 A
19.2 W
440mV
Notes: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Model Number Key
VV 03
MENB
01
1 020 A
F
"01" = Standard. "02" and higher indicates a m odified m odel.
Model
Output Voltage:
"05" = 5Vdc, "12" = 12Vdc, "24" = 24Vdc, etc.
Input Connector:
"F" = IEC320 C14 grounded, Other options available, see below
Output Connector:
"03" = 2.5m m Barrel Type Connector. Other options available, contact factory.
Model
"A" = Original Configuration
Product Fam ily:
"M" = Medical, "E" = External, "NB" = Model Series Designator
Output Pow er:
"020" = 20 Watts
# of Outputs
"1" = Single Output
IEC320 - C14
IEC320 - C18
IEC320 - C8
N. Am erica
N. Am erica
Europe
United
Australia
Class I
Class II
Class II
Japan
Japan
Kingdom
Grounded
Ungro unde d
"Shaver"
Int e rc ha nga ble
Fixed
Fixed
Fixed
Fixed
(F)
(Q)
(N)
(B)
(C)
(M)
(G)
(H)
Notes:
Notes:
1. Ault #3 Connector, center contact (+).
2. Connector is Sw itchcraft 760 plug or equivalent.
Mating connector is Sw itchcraft 712A or equivalent.
3. Other connector options are available. Contact your local
SL Pow er Representative for details.
Output Connector
the receptacle chosen. The N. A. blade version (B) w ill be an interchangeable blade.
3. Blade Kit is available w hich w ill include one each of a EU, UK, and Australian blade. Kit part #
2. For Wall-Plug options, choose the applicable letter above and the unit w ill be fitted w ith
is KT1027K. These can be used w ith the (B) version, to allow blades to be changed.
The other options (C), (M), (G), and (H) w ill be fixed blades m olded in the case.
AC Input Receptacle Options
Desktop
1. For desktop options, choose applicable letter above.
Wall-Plug
Desktop Style
Wall-plug Style (Option “B” shown)
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication.
Rev. 12-12-2015
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
Outline Drawing
ITE Switch Mode Power Supply
3 Year Warranty
MENB1020
Universal 20 Watt Series
DATE
CODE
Medical Switch Mode Power Supply
3 Year Warranty
DATE
CODE


Similar Part No. - MENB1020A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1020A2403F01 SLPOWER-MENB1020A2403F01 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
More results

Similar Description - MENB1020A2403F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
   Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
   Medical Switch-Mode Power Supply
MW174KB SLPOWER-MW174KB Datasheet
361Kb / 2P
   Medical / Switch Mode Power Supply
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
   Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
   Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
   Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
   Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
   Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
   Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
   Medical Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com