Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME60 Datasheet(PDF) 4 Page - SL Power Electronics

Part # ME60
Description  60W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME60 Datasheet(HTML) 4 Page - SL Power Electronics

  ME60_16 Datasheet HTML 1Page - SL Power Electronics ME60_16 Datasheet HTML 2Page - SL Power Electronics ME60_16 Datasheet HTML 3Page - SL Power Electronics ME60_16 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ME60
60W Single Output External Power
Medical Series
www.slpower.com
ME60 Rev 2.7
2-AUG-16
4
Derating Chart:
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive (6-pin Molex type - #51 – on 5V models).
Other standard options are listed below. The “03” in the standard model number is replaced by the applicable digits below:
Data Sheet © 2016 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
0
10
20
30
40
50
60
70
-20
-10
0
10
20
30
40
50
60
70
Ambient Temperature- ͦC
12V
18V
24V
48V


Similar Part No. - ME60_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60A1203F01 SLPOWER-ME60A1203F01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1203N01 SLPOWER-ME60A1203N01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1203Q01 SLPOWER-ME60A1203Q01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1503F01 SLPOWER-ME60A1503F01 Datasheet
707Kb / 4P
   60W Single Output External Power
ME60A1503N01 SLPOWER-ME60A1503N01 Datasheet
707Kb / 4P
   60W Single Output External Power
More results

Similar Description - ME60_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60_12 Datasheet
216Kb / 3P
   60W Single Output Switching Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com