Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNB020-48-1PM-C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ADNB020-48-1PM-C
Description  The ADNB 96W series features a universal 88-264Vac input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ADNB020-48-1PM-C Datasheet(HTML) 1 Page - Artesyn Technologies

  ADNB020-48-1PM-C Datasheet HTML 1Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 2Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 3Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 4Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 5Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 6Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 7Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 8Page - Artesyn Technologies ADNB020-48-1PM-C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev.04.19.16_#1.1
ADNB 96W Series
Page 1
Technical Reference Note
ADNB 96W Series
Up to 96 Watts
Din Rail
Total Power:
Up to 96 Watts
Input Voltage: 88 to 264 Vac
124 to 370 Vdc
# of Outputs:
Single
Special Features
• Universal AC input 88-264Vac
• Installed on DIN rail TS35/7.5 or 15
• Brown-out Protection
• Protections:Short Circuit/Over
load/Over voltage
• All using 105degC long life
electrolytic capacitors
• High operation temperature up to
70OC
• Withstand 2G vibration test
• High efficiency, long life and high
reliability
• 3 Years Warranty
Safety*
UL /cUL 508
TUV EN60950-1
LPS Pass
UL1310 class 2 (except ADNB075-
12-1PM-C, ADNB064-15-1PM-C)
Note* - Cover AC input only
Product Descriptions
The ADNB 96W series features a universal 88-264Vac input – enabling it to be
used anywhere in the world – and is also capable of operating from a 124-
370Vdc Input. The ADNB 96W series offers a power rating up to 96W with
convection cooling, and it provides precisely regulated output voltages of 12V,
15V, 24V and 48Vdc.
The ADNB 96W series power supply is comprehensively protected against over
voltage, over load and short-circuit conditions.


Similar Part No. - ADNB020-48-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB025-24-1PM-C ARTESYN-ADNB025-24-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB027-15-1PM-C ARTESYN-ADNB027-15-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
More results

Similar Description - ADNB020-48-1PM-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADNB050-12-1PM-C ARTESYN-ADNB050-12-1PM-C Datasheet
2Mb / 21P
   The ADNB 60W series features a universal 88-264Vac input
ADNB034-12-1PM-C ARTESYN-ADNB034-12-1PM-C Datasheet
3Mb / 21P
   The ADNB 40W series features a universal 88-264Vac input
logo
Recom International Pow...
RAC150-G RECOM-RAC150-G Datasheet
932Kb / 8P
   Universal Input 90-264VAC
RAC04-C230 RECOM-RAC04-C230 Datasheet
90Kb / 3P
   Universal Input 80-264VAC
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
   85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
   85 to 264VAC universal input
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
   Universal Input of 85~264VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com