Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA15S1500A Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # AA15S1500A
Description  15W Single, Dual, and Triple Output AC/DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA15S1500A Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  AA15S1500A Datasheet HTML 1Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 2Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 3Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 4Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 5Page - Delta Electronics, Inc. AA15S1500A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS_AA15S/D/T_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
Physical Outline
Case Size
:
96.0x54.0x23.3mm (3.78x2.13x0.92 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Weight
:
162g
Mechancial Dawings Chassis Mounting with DIN Rail Kit (Option code, suffix D)
Mechanical Dimensions
Physical Outline
Case Size
:
96.0x54.0x23.3mm (3.78x2.13x0.92 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Weight
:
216g
DIN-Rail Mounting Kit
76.0 [2.99]
86.0 [3.39]
96.0 [3.78]
4 x 3.5
Top view
1
2
3
4
5
6
7
10.0 [0.39]
POWER
"GOOD"INDICATOR
DC-
ON
Indication LED


Similar Part No. - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S1500A DELTA-AA15S1500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S1500A DELTA-AA15S1500A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results

Similar Description - AA15S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
logo
MicroPower Direct, LLC
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com