Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1174A Datasheet(PDF) 2 Page - Keysight Technologies

Part # Y1174A
Description  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1174A Datasheet(HTML) 2 Page - Keysight Technologies

  Y1174A Datasheet HTML 1Page - Keysight Technologies Y1174A Datasheet HTML 2Page - Keysight Technologies Y1174A Datasheet HTML 3Page - Keysight Technologies Y1174A Datasheet HTML 4Page - Keysight Technologies Y1174A Datasheet HTML 5Page - Keysight Technologies Y1174A Datasheet HTML 6Page - Keysight Technologies Y1174A Datasheet HTML 7Page - Keysight Technologies Y1174A Datasheet HTML 8Page - Keysight Technologies Y1174A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Introduction
Features
– Flexible and easily configurable switch mounting system for robust and reliable signal routing
– 3D models included for quick RF cable layout and documentation
– Graphical web interface for quick setup, troubleshooting and support
– Easy connection and control of all the most popular microwave switches and attenuators
– Expandable up to 128 coil drives
– Effective switch management with switch verification, sequences and relay counter
– Software drivers for most common programming environments
– LXI compliance includes web interface and built-in Ethernet connectivity
The Keysight Technologies, Inc. L4490A/91A RF switch platform simplifies the task of defining and build-
ing a custom switch matrix. Engineers are often under pressure to lower cost and get to market quickly. The
L4490A/91A provides the right tools to easily define and build a custom switch matrix while reducing your
overall design time – all without sacrificing signal integrity. In addition, with the robust design, you can have
confidence in the reliability and longevity of your system.
The RF switch platform easily integrates into your test environment with standard rack mount kits, LAN
and GPIB connectivity, graphical web interface and software drivers for the most common programming
environments.
This platform is ideal for R&D and manufacturing engineers creating custom switch matrices for A/D and
wireless applications testing mobile radios, handsets, basestations, radio components, and other wireless
devices. Also, with the broad range of supported switches up to 50 GHz, you can future-proof your invest-
ment for emerging standards like WiMAXTM, LTE and UMB.
Build custom designs from multiplexers, blocking or non-blocking matrices or a combination of both with
signal conditioning to meet your unique needs.


Similar Part No. - Y1174A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1174A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com