Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1171A Datasheet(PDF) 10 Page - Keysight Technologies

Part # Y1171A
Description  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1171A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button Y1171A Datasheet HTML 6Page - Keysight Technologies Y1171A Datasheet HTML 7Page - Keysight Technologies Y1171A Datasheet HTML 8Page - Keysight Technologies Y1171A Datasheet HTML 9Page - Keysight Technologies Y1171A Datasheet HTML 10Page - Keysight Technologies Y1171A Datasheet HTML 11Page - Keysight Technologies Y1171A Datasheet HTML 12Page - Keysight Technologies Y1171A Datasheet HTML 13Page - Keysight Technologies Y1171A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
Product Specifications (continued)
General specifications
Power supply and line frequency
100 V to 240 V ±10% (50-60 Hz ±10% auto sensed)
Power consumption
100/200 VA
Operating Environment
Full accuracy for 0ºC to 55ºC
Full accuracy to 80% R.H. at 40ºC
Storage environment
-40ºC to 70ºC
2U Dimensions (H x W x L)
88.1 x 425.6 x 574.0 mm
3.47 x 17.76 x 22.60 in
2U Weight
7.7 kg (17 lbs)
4U Dimensions (H x W x L)
177.0 x 425.6 x 574.0 mm
6.97 x 17.76 x 22.60 in
4U Weight
9.1 kg (20 lbs)
Safety conforms to
CSA, UL/IEC/EN 61010-1
EMC conforms to
IEC/EN 61326-1, CISPR 11
Warranty
1 year
Additional power
±5 V
+12 V
+24 V
1 A
3 A (3 A fused)
0.6 A
Total max power: 1
35 W at 40ºC derated linearly to 10W at 55ºC (L4490A)
40 W at 40ºC derated linearly to 10 W at 55ºC (L4491A)
Digital IO Option 004
Max module power disipation
16 digital IO lines plus 28 relay drive lines
Power available
6W
12 V regulation no load to full load
5 V regulation no load to full load
Max power from 12 V
Max power from 5 V
10%
5%
6 W
1 W
28 relay drives
sink up to 100 mA
GPIO ports chan 1 and chan 2
8 configure bits as input or output
chan 3
3 output bits
1. If additional power is required to drive relays, use an external power supply.


Similar Part No. - Y1171A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9W VISHAY-Y117212K7560A9W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1171A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1170A KEYSIGHT-Y1170A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
Y1174A KEYSIGHT-Y1174A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com