Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1170A Datasheet(PDF) 11 Page - Keysight Technologies

Part # Y1170A
Description  RF Switch Platform
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y1170A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button Y1170A Datasheet HTML 7Page - Keysight Technologies Y1170A Datasheet HTML 8Page - Keysight Technologies Y1170A Datasheet HTML 9Page - Keysight Technologies Y1170A Datasheet HTML 10Page - Keysight Technologies Y1170A Datasheet HTML 11Page - Keysight Technologies Y1170A Datasheet HTML 12Page - Keysight Technologies Y1170A Datasheet HTML 13Page - Keysight Technologies Y1170A Datasheet HTML 14Page - Keysight Technologies Y1170A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 | Keysight | L4490A/91A RF Switch Platform – Data Sheet
Product Specifications (continued)
Software
Keysight connectivity software included
Keysight 10 Libraries Suite 15 or greater (E2094N)
Minimum system requirements
PC hardware
Intel Pentium 100 MHz, 64 Mbyte RAM, 210 Mbyte disk space
Display 800x600, 256 colors, CD-ROM drive
Operating system1
Windows NT/2000/XP/Vista
Software driver support for programming languages
Software drivers
IVI-C and IVI-COM for Windows NT/2000/XP/Vista
LabView
Compatible with programming tools and environments
Keysight
VEE Pro
National Instruments
TestStand
Measurement Studio
LabWindows/CVI
LabVIEW
Switch Executive
Microsoft
Visual Studio.NET
C/C++
Visual Basic 6
1. Load IO Libraries Version M for Windows NT support version 14.0 for Windows 98 SE support


Similar Part No. - Y1170A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
logo
Vishay Siliconix
Y117212K7560A0R VISHAY-Y117212K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A0W VISHAY-Y117212K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9R VISHAY-Y117212K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y117212K7560A9W VISHAY-Y117212K7560A9W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1170A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4491A KEYSIGHT-L4491A Datasheet
4Mb / 19P
   RF Switch Platform
Y1171A KEYSIGHT-Y1171A Datasheet
4Mb / 19P
   RF Switch Platform
Y1175A KEYSIGHT-Y1175A Datasheet
4Mb / 19P
   RF Switch Platform
Y1173A KEYSIGHT-Y1173A Datasheet
4Mb / 19P
   RF Switch Platform
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
Y1174A KEYSIGHT-Y1174A Datasheet
4Mb / 19P
   RF Switch Platform
L4490A KEYSIGHT-L4490A Datasheet
4Mb / 19P
   RF Switch Platform Data
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com