Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5-1215RD10A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RD5-1215RD10A3
Description  DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD5-1215RD10A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RD5-1215RD10A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD5-1215RD10A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD5-1215RD10A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RD5-1215RD10A3 Datasheet HTML 4Page - RSG Electronic Components GmbH RD5-1215RD10A3 Datasheet HTML 5Page - RSG Electronic Components GmbH RD5-1215RD10A3 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page3(6)
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RD5-2403R10AX
18-36
8
59
3.3
76
303
70
3300
RD5-2405R10AX
18-36
8
57
5
50
200
72
3300
RD5-2409R10AX
18-36
8
55
9
28
111
75
470
RD5-2412R10AX
18-36
8
55
12
21
83
75
470
RD5-2415R10AX
18-36
8
55
15
17
67
75
470
RD5-2424R10AX
18-36
8
55
24
10
42
75
220
RD5-4803R10AX
36-72
6
31
3.3
76
303
66
3300
RD5-4805R10AX
36-72
6
30
5
50
200
68
3300
RD5-4809R10AX
36-72
6
29
9
28
111
70
470
RD5-4812R10AX
36-72
6
29
12
21
83
70
470
RD5-4815R10AX
36-72
6
29
15
17
67
70
470
RD5-4824R10AX
36-72
6
30
24
10
42
68
220
RS5-0503RD10AX
4.5-9
15
285
±
3.3
±
38
±
152
70
±
1000
RS5-0505RD10AX
4.5-9
15
270
±
5
±
25
±
100
74
±
1000
RS5-0509RD10AX
4.5-9
20
270
±
9
±
14
±
56
74
±
220
RS5-0512RD10AX
4.5-9
20
266
±
12
±
10
±
42
75
±
220
RS5-0515RD10AX
4.5-9
40
285
±
15
±
8
±
33
70
±
220
RS5-0524RD10AX
4.5-9
70
298
±
24
±
5
±
21
67
±
100
RS5-1203RD10AX
9-18
15
119
±
3.3
±
38
±
152
70
±
1000
RS5-1205RD10AX
9-18
15
115
±
5
±
25
±
100
72
±
1000
RS5-1209RD10AX
9-18
15
109
±
9
±
14
±
56
76
±
220
RS5-1212RD10AX
9-18
15
109
±
12
±
10
±
42
76
±
220
RS5-1215RD10AX
9-18
15
112
±
15
±
8
±
33
74
±
220
RS5-1224RD10AX
9-18
40
124
±
24
±
5
±
21
67
±
100
RS5-2403RD10AX
18-36
8
59
±
3.3
±
38
±
152
70
±
1000
RS5-2405RD10AX
18-36
8
59
±
5
±
25
±
100
70
±
1000
RS5-2409RD10AX
18-36
8
54
±
9
±
14
±
56
76
±
220
RS5-2412RD10AX
18-36
8
54
±
12
±
10
±
42
77
±
220
RS5-2415RD10AX
18-36
8
55
±
15
±
8
±
33
75
±
220
RS5-2424RD10AX
18-36
20
59
±
24
±
5
±
21
70
±
100
RS5-4803RD10AX
36-72
6
30
±
3.3
±
38
±
152
70
±
1000
RS5-4805RD10AX
36-72
6
30
±
5
±
25
±
100
70
±
1000
RS5-4809RD10AX
36-72
6
28
±
9
±
14
±
56
74
±
220
RS5-4812RD10AX
36-72
6
27
±
12
±
10
±
42
76
±
220
RS5-4815RD10AX
36-72
6
29
±
15
±
8
±
33
72
±
220
RS5-4824RD10AX
36-72
12
30
±
24
±
5
±
21
70
±
100
RD5-0503RD10AX
4.5-9
15
285
±
3.3
±
38
±
152
70
±
1000
RD5-0505RD10AX
4.5-9
15
270
±
5
±
25
±
100
74
±
1000
RD5-0509RD10AX
4.5-9
20
270
±
9
±
14
±
56
74
±
220
RD5-0512RD10AX
4.5-9
20
266
±
12
±
10
±
42
75
±
220
RD5-0515RD10AX
4.5-9
40
285
±
15
±
8
±
33
70
±
220
RD5-0524RD10AX
4.5-9
70
298
±
24
±
5
±
21
67
±
100
RD5-1203RD10AX
9-18
15
119
±
3.3
±
38
±
152
70
±
1000
RD5-1205RD10AX
9-18
15
115
±
5
±
25
±
100
72
±
1000
RD5-1209RD10AX
9-18
15
109
±
9
±
14
±
56
76
±
220
RD5-1212RD10AX
9-18
15
109
±
12
±
10
±
42
76
±
220
RD5-1215RD10AX
9-18
15
112
±
15
±
8
±
33
74
±
220
RD5-1224RD10AX
9-18
40
124
±
24
±
5
±
21
67
±
100
RD5-2403RD10AX
18-36
8
59
±
3.3
±
38
±
152
70
±
1000
RD5-2405RD10AX
18-36
8
59
±
5
±
25
±
100
70
±
1000
Suffix “3” means 3KVdc isolation
Suffix “C” means with control pin
Suffix “M” means with Metal Case
DC/DC-Converter
1.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD5-1215RD10A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD5-1215RD20A1 RSG-RD5-1215RD20A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RD5-1215RD20A3 RSG-RD5-1215RD20A3 Datasheet
1Mb / 6P
   DC/DC-Converter
RD5-1215RD30A1 RSG-RD5-1215RD30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD5-1215RD10A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com