Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5-1209RD20A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD5-1209RD20A3
Description  DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD5-1209RD20A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD5-1209RD20A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RD5-1209RD20A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RD5-1209RD20A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RD5-1209RD20A3 Datasheet HTML 4Page - RSG Electronic Components GmbH RD5-1209RD20A3 Datasheet HTML 5Page - RSG Electronic Components GmbH RD5-1209RD20A3 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (6)
RS5 -
XX
XX
XX
XX
Power (W)
Input
Type
A
X * X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RS5-0503R20AX
4.5-9
15
492
3.3
125
500
67
3300
RS5-0505R20AX
4.5-9
15
571
5
100
400
70
3300
RS5-0509R20AX
4.5-9
30
555
9
56
222
72
470
RS5-0512R20AX
4.5-9
30
555
12
42
167
72
470
RS5-0515R20AX
4.5-9
30
547
15
33
133
73
470
RS5-0524R20AX
4.5-9
60
533
24
21
83
75
220
RS5-1203R20AX
9-18
15
205
3.3
125
500
67
3300
RS5-1205R20AX
9-18
15
216
5
100
400
77
3300
RS5-1209R20AX
9-18
15
213
9
56
222
78
470
RS5-1212R20AX
9-18
15
208
12
42
167
80
470
RS5-1215R20AX
9-18
15
213
15
33
133
78
470
RS5-1224R20AX
9-18
15
208
24
21
83
80
220
RS5-2403R20AX
18-36
8
98
3.3
125
500
70
3300
RS5-2405R20AX
18-36
8
108
5
100
400
77
3300
RS5-2409R20AX
18-36
8
104
9
56
222
80
470
RS5-2412R20AX
18-36
8
104
12
42
167
80
470
RS5-2415R20AX
18-36
8
104
15
33
133
80
470
RS5-2424R20AX
18-36
8
104
24
21
83
80
220
RS5-4803R20AX
36-72
6
48
3.3
125
500
71
3300
RS5-4805R20AX
36-72
6
56
5
100
400
74
3300
RS5-4809R20AX
36-72
6
53
9
56
222
78
470
RS5-4812R20AX
36-72
6
53
12
42
167
78
470
RS5-4815R20AX
36-72
6
53
15
33
133
78
470
RS5-4824R20AX
36-72
6
52
24
21
83
80
220
RD5-0503R20AX
4.5-9
15
492
3.3
125
500
67
3300
RD5-0505R20AX
4.5-9
15
571
5
100
400
70
3300
RD5-0509R20AX
4.5-9
30
555
9
56
222
72
470
RD5-0512R20AX
4.5-9
30
555
12
42
167
72
470
RD5-0515R20AX
4.5-9
30
547
15
33
133
73
470
RD5-0524R20AX
4.5-9
60
533
24
21
83
75
220
RD5-1203R20AX
9-18
15
205
3.3
125
500
67
3300
RD5-1205R20AX
9-18
15
216
5
100
400
77
3300
RD5-1209R20AX
9-18
15
213
9
56
222
78
470
RD5-1212R20AX
9-18
15
208
12
42
167
80
470
RD5-1215R20AX
9-18
15
213
15
33
133
78
470
RD5-1224R20AX
9-18
15
208
24
21
83
80
220
Suffix “3” means 3KVdc isolation
Suffix “C” means with control pin
Suffix “M” means with Metal Case
The models listed above is just for standard type. If you need the special specification product, please contact our service member
by telephone presented in s h o r t f o rm c o v e r o r e - ma i l to : info@rsg-electronic.de
DC/DC-Converter
2.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD5-1209RD20A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD5-1209RD10A1 RSG-RD5-1209RD10A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RD5-1209RD10A3 RSG-RD5-1209RD10A3 Datasheet
1Mb / 6P
   DC/DC-Converter
More results

Similar Description - RD5-1209RD20A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com