Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2331A Datasheet(PDF) 7 Page - Keysight Technologies

Part # U2331A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2331A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button U2331A Datasheet HTML 3Page - Keysight Technologies U2331A Datasheet HTML 4Page - Keysight Technologies U2331A Datasheet HTML 5Page - Keysight Technologies U2331A Datasheet HTML 6Page - Keysight Technologies U2331A Datasheet HTML 7Page - Keysight Technologies U2331A Datasheet HTML 8Page - Keysight Technologies U2331A Datasheet HTML 9Page - Keysight Technologies U2331A Datasheet HTML 10Page - Keysight Technologies U2331A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
High density multifunction USB DAQ
Model number
U2355A
U2356A
U2331A
Analog input
Resolution
16 bits, no missing codes
12 bits, no missing codes
Number of channels
64 SE/32 DI (software selectable/channel)
Maximum sampling rate1
250 kSa/s
500 kSa/s
3 MSa/s (single channel)
1 MSa/s (multiple channels)
Scan list memory
Up to 100 selectable channel entries
Programmable bipolar input range
±10 V, ±5 V, ±2.5 V, ±1.25 V
±10 V, ±5 V, ±2.5 V,
±1.25 V, ±1 V, ±0.5 V,
±0.25 V, ±0.2 V, ±0.05 V
Programmable unipolar input range
0 to 10 V, 0 to 5 V, 0 to 2.5 V, 0 to 1.25 V
0 to 10 V, 0 to 5 V, 0 to 4 V,
0 to 2.5 V, 0 to 2 V, 0 to 1 V,
0 to 0.5 V, 0 to 0.4 V, 0 to
0.1V
Input coupling
DC
Input impedance
1 GΩ / 100 pF
Operational common mode voltage range
±7.5 V maximum
Overvoltage protection
Power-on: Continuous ±30 V, Power-off: Continuous ±15 V
Trigger sources
External analog/digital trigger, SSI/Star trigger2
Trigger modes
Pre- trigger, delay-trigger, post-trigger, and middle-trigger
FIFO buffer size
Up to 8 MSa
Analog output
Resolution
12 bits
Number of channels
2
Maximum update rate
1 MSa/s
Output ranges
0 to 10 V, ±10 V, 0 to AO_EXT_REF, ±AO_EXT_REF3
Output coupling
DC
Output impedance
0.1 Ω Typical
Stability
Any passive load up to 1500 pF
Power-on state
0 V steady state
Trigger sources
External analog/digital trigger, SSI/Star trigger2
Trigger modes
Post-trigger and delay-trigger
FIFO buffer size
One channel: Maximum 8 MSa
Two channels: Maximum 4 MSa/ch
Function generation mode
Sine, square, triangle, sawtooth, and noise waveforms
Digital I/O
Number of bits
24-bit programmable input/output
Compatibility
TTL
Input voltage
V
IL = 0.7 V max, IIL = 10 μA max
V
IH = 2.0 V min, IIH = 10 μA max
Input voltage range
–0.5 V to +5.5 V
Output voltage
V
OL = 0.45 V max, IOL = 8 mA max
V
OH = 2.4 V min, IOH = 400 μA max


Similar Part No. - U2331A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U233 INTERSIL-U233 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Tripp Lite. All Rights ...
U233006MPR TRIPPLITE-U233006MPR Datasheet
515Kb / 2P
   USB 2.0 Hi-Speed Windows - Mac File Transfer Cable (A M-M), 6-ft
More results

Similar Description - U2331A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2542A KEYSIGHT-U2542A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com