Electronic Components Datasheet Search |
|
RD5-4805R10A3 Datasheet(PDF) 5 Page - RSG Electronic Components GmbH |
|
RD5-4805R10A3 Datasheet(HTML) 5 Page - RSG Electronic Components GmbH |
5 / 6 page RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de page5(6) DC/DC-Converter 1.0W Regulated Single & Dual Output we energize electronics! an acal group company we energize electronics! Themodelslistedabovearejustforstandardtype. Ifyouneedthespecialspecificationproduct,pleasecontactus: info@rsg-electronic.de The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in s h o r t f o rm c o v e r o r e - m a i l t o : info@rsg-electronic.de Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0© at 100KHz) at nominal input and full load. Output Ripple & Noise Measurement Test The Scope measurement bandwidth is 20MHz. +Vout +Vout +Vin Lin Current Probe Cin DC/DC Converter Load DC/DC Converter Scope Load -Vin -Vout -Vout EMI Filter Input filter components (C1, L) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. +Vout +Vin L DC/DC Converter Load C1 -Vin -Vout MCU CONVERTER 11. MCU (Master Control Unit) The MCU Pin Voltage is referenced to -Vin(Pin 1) ON:0 ~ 0.8VDC Max. (Short circuit Pin 1 and Pin 3) or open circuit OFF: 4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1、D1) OFF idle current: 5mA typ Connection example 1K 1N4148 R1 D1 PIN 3 12. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of design & test configuration. 13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V. C1 L RS5/RD5 -1W 100uF/100V 12uH The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in s h o r t f o rm c o v e r o r e - m a i l t o : info@rsg-electronic.de Input Reflected Ripple Current Test Step Input reflected ripple current is measured through a source inductor Lin(12uH) and a source capacitor Cin(47uF, ESR<1.0© at 100KHz) at nominal input and full load. Output Ripple & Noise Measurement Test The Scope measurement bandwidth is 20MHz. +Vout +Vout +Vin Lin Current Probe Cin DC/DC Converter Load DC/DC Converter Scope Load -Vin -Vout -Vout EMI Filter Input filter components (C1, L) are used to help meet conducted emissions requirement for the module. These components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. +Vout +Vin L DC/DC Converter Load C1 -Vin -Vout MCU CONVERTER 11. MCU (Master Control Unit) The MCU Pin Voltage is referenced to -Vin(Pin 1) ON:0 ~ 0.8VDC Max. (Short circuit Pin 1 and Pin 3) or open circuit OFF: 4.5 to 15VDC Max.(or 3.5mA to 15mA Max.)(via R1、D1) OFF idle current: 5mA typ Connection example 1K 1N4148 R1 D1 PIN 3 12. Input filter components are be required to help meet conducted emission class A, which application refer to the EMI Filter of design & test configuration. 13. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V. C1 L RS5/RD5 -1W 100uF/100V 12uH |
Similar Part No. - RD5-4805R10A3 |
|
Similar Description - RD5-4805R10A3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |