Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E431 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E431
Description  5V ECL 3?륛it Differential Flip?륡lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E431 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E431 Datasheet HTML 1Page - ON Semiconductor MC10E431 Datasheet HTML 2Page - ON Semiconductor MC10E431 Datasheet HTML 3Page - ON Semiconductor MC10E431 Datasheet HTML 4Page - ON Semiconductor MC10E431 Datasheet HTML 5Page - ON Semiconductor MC10E431 Datasheet HTML 6Page - ON Semiconductor MC10E431 Datasheet HTML 7Page - ON Semiconductor MC10E431 Datasheet HTML 8Page - ON Semiconductor MC10E431 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E431, MC100E431
www.onsemi.com
6
Table 8. AC CHARACTERISTICS (VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
1.1
GHz
tPLH
tPHL
Propagation Delay to Output
CLK
R
S
550
500
500
700
725
725
850
975
975
550
550
550
700
725
725
850
925
925
550
550
550
700
725
725
850
925
925
ps
tS
Setup Time
D
R (Note 2)
S (Note 2)
250
1100
1100
0
700
700
200
1000
1000
0
700
700
200
1000
1000
0
700
700
ps
tH
Hold Time
D
250
0
200
0
200
0
ps
tPW
Minimum Pulse Width
CLK
400
400
400
ps
tskew
Within-Device Skew (Note 3)
50
50
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
1000
150
1000
150
1000
mV
tr/tf
Rise/Fall Times (20−80%)
250
450
700
275
450
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
2. These setup times define the minimum time the CLK or SET/RESET input must wait after the assertion of the RESET/SET input to assure
the proper operation of the flip-flop.
3. Within-device skew is defined as identical transitions on similar paths through a device.


Similar Part No. - MC10E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431 ONSEMI-MC10E431 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FN ONSEMI-MC10E431FN Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
MC10E431FN ONSEMI-MC10E431FN Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10E431FNG ONSEMI-MC10E431FNG Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results

Similar Description - MC10E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131_16 Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10EP35 ONSEMI-MC10EP35_16 Datasheet
180Kb / 10P
   ECL JK Flip?륡lop
August, 2016 ??Rev. 7
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL52 ONSEMI-MC10EL52_16 Datasheet
170Kb / 8P
   5 V ECL Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com