Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E195FNG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100E195FNG
Description  5V ECL Programmable Delay Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E195FNG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100E195FNG Datasheet HTML 1Page - ON Semiconductor MC100E195FNG Datasheet HTML 2Page - ON Semiconductor MC100E195FNG Datasheet HTML 3Page - ON Semiconductor MC100E195FNG Datasheet HTML 4Page - ON Semiconductor MC100E195FNG Datasheet HTML 5Page - ON Semiconductor MC100E195FNG Datasheet HTML 6Page - ON Semiconductor MC100E195FNG Datasheet HTML 7Page - ON Semiconductor MC100E195FNG Datasheet HTML 8Page - ON Semiconductor MC100E195FNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10E195, MC100E195
www.onsemi.com
2
D2
D3
D4
D5
D6
D7
NC
NC
NC
EN
NC
NC
VCC
VCCO
Q
Q
VCCO
D1
D0
LEN
VEE
IN
IN
VBB
25
24
23
22
21
20
19
26
27
28
1
2
3
4
18
17
16
15
14
13
12
56
7
8
9
10
11
Figure 1. Pinout: 28-Lead PLCC
(Top View)
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
*All VCC and VCCO pins are tied together on the die.
MC10E195
MC100E195
Table 1. PIN DESCRIPTION
PIN
FUNCTION
IN/IN
EN
D[0:7]
Q/Q
LEN
SET MIN
SET MAX
CASCADE, CASCADE
VBB
VCC, VCCO
VEE
NC
ECL Signal Input
ECL Input Enable
ECL MUX Select Inputs
ECL Signal Output
ECL Latch Enable
ECL Min Delay Set
ECL Max Delay Set
ECL Cascade Signal
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
Table 2. TRUTH TABLE
EN.
L
Q = IN
EN
H
Q Logic Low
LEN
L
Pass Through D[0:10]
LEN
H
Latch D[0:10]
SETMIN
L
Normal Mode
SETMIN
H
Min Delay Path
SETMAX
L
Normal Mode
SETMAX
H
Max Delay Path
1
Figure 2. Logic Diagram − Simplified
VBB
IN
IN
EN
LEN
SET MIN
SET MAX
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
11
1
1
0
1
Q
Q
CASCADE
CASCADE
CASCADE
7 BIT LATCH
LEN
Q
LATCH
D
4 GATES
8 GATES
16 GATES
* 1.25
* 1.5
D0
D1
D2
D3
D4
D5
D6
D7
* delays are 25% or 50% longer than
* standard (standard ≈ 80 ps)
VEE


Similar Part No. - MC100E195FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results

Similar Description - MC100E195FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com