Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-850-302R-PGF Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-850-302R-PGF
Description  PRESSURE TRANSDUCERS WITH AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-850-302R-PGF Datasheet(HTML) 3 Page - Copal Electronics

  PA-850-302R-PGF Datasheet HTML 1Page - Copal Electronics PA-850-302R-PGF Datasheet HTML 2Page - Copal Electronics PA-850-302R-PGF Datasheet HTML 3Page - Copal Electronics PA-850-302R-PGF Datasheet HTML 4Page - Copal Electronics PA-850-302R-PGF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PA-850
PRESSURE TRANSDUCERS WITH AMP.
Gravitational effect
(From horizontal position to vertical position)
No. of outputs
Output interface
Setting method
Adjustable range
Display
Accuracy
Hysteresis
Hysteresis setting method
Switching capacity
Residual voltage
Thermal error
Output voltage
Zero voltage
Span voltage
Output current
Linearity/Hysteresis
Supply voltage effect
Response
1
± 0.04
3
± 0.1
2
± 0.1
1
± 0.04
4
± 0.04
4
± 0.1
4
± 0.04
1Load resistance 5 k
Ω minimum
± 0.5
± 0.06
± 0.06
1
NPN or PNP open collector output
Adjustable by VR
0 ~ 100 % of rated pressure range
0 ~ 108 % of rated
pressure range
Red LED
± 3
Approx. 1 ~ 15 % of set value
Adjustable by VR
30 V DC 100 mA
NPN : 0.8 V, PNP : 1.2 V
1 ~ 5
± 0.02
Approx. 2
± 0.3
± 0.1
± 0.05
± 0.3
± 0.1
± 0.3
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
V
maximum
mA
maximum
ms
%F.S.
%F.S.
(Reference temp.: 25 °C)
Item
Model number
PA-850
102G
352G
103G
102V
102R
302R
102A
V
V
V
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2
3 directions for 3 times each
106 cycles
0 Rated pressure/Rated pressure range
40 °C, 90 ~ 95 %RH, 240 hrs.
Switch output setting and analog output
(Zero voltage, Span voltage)
:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
Consumption current
20 mA
Supply voltage
10.8 ~ 30Including ripple voltage
V DC
maximum


Similar Part No. - PA-850-302R-PGF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-850 COPAL-PA-850 Datasheet
1Mb / 4P
   Pressure transducer with amp
More results

Similar Description - PA-850-302R-PGF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com