Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E141 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E141
Description  5V ECL 8?륛it Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E141 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E141_16 Datasheet HTML 1Page - ON Semiconductor MC10E141_16 Datasheet HTML 2Page - ON Semiconductor MC10E141_16 Datasheet HTML 3Page - ON Semiconductor MC10E141_16 Datasheet HTML 4Page - ON Semiconductor MC10E141_16 Datasheet HTML 5Page - ON Semiconductor MC10E141_16 Datasheet HTML 6Page - ON Semiconductor MC10E141_16 Datasheet HTML 7Page - ON Semiconductor MC10E141_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC10E141/D
MC10E141
5 V ECL 8‐Bit Shift Register
Description
The MC10E/100E141 is an 8-bit full-function shift register. The
E141 performs serial/parallel in and serial/parallel out, shifting in
either direction. The eight inputs D0 − D7 accept parallel input data,
while DL/DR accept serial input data for left/right shifting. The Qn
outputs do not need to be terminated for the shift operation to function.
To minimize noise and power, any Q output not used should be left
unterminated.
The select pins, SEL0 and SEL1, select one of four modes of
operation: Load, Hold, Shift Left, Shift Right, according to the
Function Table.
Input data is accepted a set-up time before the positive clock edge. A
HIGH on the Master Reset (MR) pin asynchronously resets all the
registers to zero.
The 100 Series contains temperature compensation.
Features
700 MHz Min. Shift Frequency
8-Bit
Full-Function, Bi-Directional
Asynchronous Master Reset
Pin-Compatible with E241
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 565 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE141FNG
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping†
MC10E141FNG
PLCC−28
(Pb-Free)
37 Units / Tube
MC10E141FNR2G
500 Tape & Reel
PLCC−28
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MC10E141_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141FN ONSEMI-MC10E141FN Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E141FNG ONSEMI-MC10E141FNG Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E141FNR2 ONSEMI-MC10E141FNR2 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E141FNR2G ONSEMI-MC10E141FNR2G Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
More results

Similar Description - MC10E141_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10H141 ONSEMI-MC10H141_16 Datasheet
143Kb / 5P
   Four?륛it Universal Shift Register
August, 2016 ??Rev. 9
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC100E241 ONSEMI-MC100E241_06 Datasheet
125Kb / 7P
   5V ECL 8-Bit Scannable Register
October, 2006 ??Rev. 3
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com