Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2775AG-08ST Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2775AG-08ST
Description  Low Power Peak EMI Reducing Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2775AG-08ST Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2775AG-08ST Datasheet HTML 1Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 2Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 3Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 4Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 5Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 6Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 7Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 8Page - ON Semiconductor ASM3P2775AG-08ST Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ASM3P2775A
http://onsemi.com
3
Figure 2. Modulation Profile
Table 3. SPECIFICATIONS
Description
Specification
Frequency Range
13 MHz < CLKIN < 30 MHz
Modulation Equation
FIN/640
Frequency Deviation
±1.8% (Typ) @ 14.7 MHz
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. DC ELECTRICAL CHARACTERISTICS
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated.)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS−0.3
0.8
V
VIH
Input high voltage
2.0
VDD+0.3
V
IIL
Input low current
−35
mA
IIH
Input high current
35
mA
IXOL
XOUT output low current (@ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT output high current (@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 8 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 8 mA)
2.5
V
IDD
Static supply current (Note 1)
10
mA
ICC
Dynamic supply current (3.3 V, 16 MHz and no load)
3.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power−up time (first locked cycle after power−up) (Note 2)
5
mS
ZOUT
Output impedance
45
W
1. XIN / CLKIN pin and PD pin are pulled low.
2. VDD and XIN / CLKIN input are stable, PD pin is made high from low.


Similar Part No. - ASM3P2775AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2775AG-08ST PULSECORE-ASM3P2775AG-08ST Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3P2775AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com