Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C17400CLT-5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GM71C17400CLT-5
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17400CLT-5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GM71C17400CLT-5 Datasheet HTML 2Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 3Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 4Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 5Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 6Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 7Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 8Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 9Page - Hynix Semiconductor GM71C17400CLT-5 Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GM71C(S)17400C/CL
Rev 0.1 / Apr’01
In delayed write or read-modify-write cycles, OE must disable output buffer prior to applying
data to the device. After RAS is reset, if tOEH>=tCWL, the I/O pin will remain open circuit (high
impedance); if tOEH < tCWL, invalid data will be out at each I/O.
The 16M DRAM offers a 16-bit time saving parallel test mode. Address CA0 and CA1 for the
4M x 4 are don't care during test mode. Test mode is set by performing a WE-and-CAS-before-
RAS (WCBR) cycle. In 16-bit parallel test mode, data is written into 4 bits in parallel at each I/O
(I/O1 to I/O4) and read out from each I/O. If 4 bits of each I/O are equal (all 1s or 0s), data
output pin is a high state during test mode read cycle, then the device has passed. If they are not
equal, data output pin is a low state, then the device has failed. Refresh during test mode
operation can be performed by normal read cycles or by WCBR refresh cycles. To get out of test
mode and enter a normal operation mode, perform either a regular CAS-before-RAS refresh
cycle or RAS-only refresh cycle.
In a test mode read cycle, the value of
tRAC, tAA, tCAC and tACP is delayed by 2ns to 5ns for the
specified value. These parameters should be specified in test mode cycles by adding the above
value to the specified value in this data sheet.
18.
19.
20.


Similar Part No. - GM71C17400CLT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-5 HYNIX-GM71C17403C-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-6 HYNIX-GM71C17403C-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-7 HYNIX-GM71C17403C-7 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403CL-5 HYNIX-GM71C17403CL-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17400CLT-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com