Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GWX-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GWX-15
Description  Miniature size for high density applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GWX-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GWX-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
20 Sep 2001
Watch Crystals
GWX
Option
Codes
ACTUAL SIZE
3.10Ø
8.20
(max)
9.00
(min)
1.10
0.35Ø
0.70
0.26Ø
9.00
(min)
6.20
(max)
2.10Ø
1.50Ø
5.10
(max)
4.00
(min)
0.45
0.15Ø
GWX-38
GWX-26
GWX-15
Features
« Low cost
« Range of tolerances
« Excellent ageing characteristics
« Miniature size for high density applications
« Large stocks of popular models
38
26
15
Variant
Parameters
Product name + variant + option codes (if any)
+ circuit condition (if non-standard)
eg: GWX-38 ±20ppm (standard)
GWX-26/A 8.0pF ±15ppm 8.0pF
Option code X (eg GWX-38/X) denotes a custom specification.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
GWX-38: 3.1 x 8.2mm cylindrical package
GWX-26: 2.1 x 6.2mm cylindrical package
GWX-15: 1.5 x 5.1mm cylindrical package
Package:
3.1 x 8.2mm cylinder
2.1 x 6.2mm cylinder
1.5 x 5.1mm cylinder
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±15ppm
A
±10ppm
D
±5ppm
E
Operating temperature range:
-10 to +60°C
-40 to +85°C
I
Turnover temperature (T
0):
+25°C ±5°C
Frequency / temp coefficient:
-0.038ppm/°C2 typ
Circuit condition:
12.5pF
8.0pF
6.0pF
specify
Other values
specify
Static capacitance (C
0):
1.6pF typ
1.35pF typ
1.0pF typ
Equivalent series resistance (max):
35k
40k
70k
(option I)
80k
(option I)
Ageing (first year):
±1ppm typ, ±3ppm max
Drive level:
1.0µW max


Similar Part No. - GWX-15

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GWX-1610 GOLLEDGE-GWX-1610 Datasheet
565Kb / 4P
   1610 Package 32.768kHz Watch Crystal
More results

Similar Description - GWX-15

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
logo
SOURIAU-SUNBANK Connect...
8MCJS505 SOURIAU-8MCJS505 Datasheet
4Mb / 42P
   Miniature Lightweight High Density Connectors
logo
Cooper Bussmann, Inc.
HC2LP-2R2-R COOPER-HC2LP-2R2-R Datasheet
187Kb / 2P
   Compact footprint for high density, high current/low voltage applications
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com