Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10E016 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10E016
Description  5.0VECL8?륛it Synchronous Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E016 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E016_16 Datasheet HTML 1Page - ON Semiconductor MC10E016_16 Datasheet HTML 2Page - ON Semiconductor MC10E016_16 Datasheet HTML 3Page - ON Semiconductor MC10E016_16 Datasheet HTML 4Page - ON Semiconductor MC10E016_16 Datasheet HTML 5Page - ON Semiconductor MC10E016_16 Datasheet HTML 6Page - ON Semiconductor MC10E016_16 Datasheet HTML 7Page - ON Semiconductor MC10E016_16 Datasheet HTML 8Page - ON Semiconductor MC10E016_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 8
1
Publication Order Number:
MC10E016/D
MC10E016, MC100E016
5.0VECL8‐Bit
Synchronous Binary Up
Counter
Description
The MC10E/100E016 is a high-speed synchronous, presettable,
cascadable 8-bit binary counter. Architecture and operation are the
same as the MC10H016 in the MECL 10H
™ family, extended to
8-bits, as shown in the logic symbol.
The counter features internal feedback of TC, gated by the TCLD
(terminal count load) pin. When TCLD is LOW (or left open, in which
case it is pulled LOW by the internal pull-downs), the TC feedback is
disabled, and counting proceeds continuously, with TC going LOW to
indicate an all-one state. When TCLD is HIGH, the TC feedback
causes the counter to automatically reload upon TC = LOW, thus
functioning as a programmable counter. The Qn outputs do not need to
be terminated for the count function to operate properly. To minimize
noise and power, unused Q outputs should be left unterminated.
The 100 series contains temperature compensation.
Features
700 MHz Min. Count Frequency
1000 ps CLK to Q, TC
Internal TC Feedback (Gated)
8-Bit
Fully Synchronous Counting and TC Generation
Asynchronous Master Reset
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
MCxxxE016G
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E016FNG
PLCC−28
(Pb-Free)
37 Units/Tube
MC10E016FNR2G
500 Tape & Reel
MC100E016FNR2G
MC100E016FNG
PLCC−28
(Pb-Free)
PLCC−28
(Pb-Free)
PLCC−28
(Pb-Free)
37 Units/Tube
500 Tape & Reel


Similar Part No. - MC10E016_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016FN ONSEMI-MC10E016FN Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FN ONSEMI-MC10E016FN Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNG ONSEMI-MC10E016FNG Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNG ONSEMI-MC10E016FNG Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10E016FNR2 ONSEMI-MC10E016FNR2 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com