Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34933T Datasheet(PDF) 2 Page - Keysight Technologies

Part # 34933T
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34933T Datasheet(HTML) 2 Page - Keysight Technologies

  34933T Datasheet HTML 1Page - Keysight Technologies 34933T Datasheet HTML 2Page - Keysight Technologies 34933T Datasheet HTML 3Page - Keysight Technologies 34933T Datasheet HTML 4Page - Keysight Technologies 34933T Datasheet HTML 5Page - Keysight Technologies 34933T Datasheet HTML 6Page - Keysight Technologies 34933T Datasheet HTML 7Page - Keysight Technologies 34933T Datasheet HTML 8Page - Keysight Technologies 34933T Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
02 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
High-performance switch/measure unit provides
a low-cost, highly lexible measurement platform
If you use automated test equipment for design validation or manufacturing, you now
have a cost-effective solution for many test system applications. The 34980A multifunc-
tion switch/measure unit provides functionality that is easy to set up and use, with a fast
startup time. The 34980A helps you lower your cost of test and accelerate your test-sys-
tem integration and development.
The 34980A handles system switching up to 26.5 GHz and provides basic measurements
and system control. It also offers DMM measurements, counter/ totalizer functionality,
digital I/O with pattern capabilities, and analog outputs with basic waveforms— all in one
low-cost, compact box. And with its standard connectors and software drivers, comput-
er-standard I/O, and Web browser interface, the 34980A easily integrates into electronic
functional test and data acquisition systems.
Flexible switching, measurements, and system control
The 34980A accommodates up to 8 plug-in modules to give you the lexibility you need.
Choose from 21 different modules to deine your own coniguration. You can buy what
you need now and add to it or reconigure it as your requirements change.
Whether you are measuring temperature, AC or DC voltage, resistance, frequency, current,
or custom measurements, the 34980A offers the functionality you need in a single box.
Switch in different measurements with high-performance signal switching up to 300V
with no external signal conditioning required. Choose between different switch types and
topologies with frequency ranges from DC to 26.5 GHz. The 34980A offers high-density
multiplexers for scanning multiple channels, matrices for connecting multiple points at one
time, and general purpose switches for simple control and high power needs.
Use the 34980A to route individual signals or monitor multiple signals over a speciied
period of time—monitor a single channel or multiple channels, set alarms, and identify
irregularities.
The 34980A offers lexible choices for system control. You can control external devices
such as microwave switches, attenuators, solenoids, and power relays. Or use the digital
inputs to sense limit-switch and digital-bus status.


Similar Part No. - 34933T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34933A KEYSIGHT-34933A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34933T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com