Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34932A Datasheet(PDF) 9 Page - Keysight Technologies

Part # 34932A
Description  Multifunction Switch/Measure Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34932A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button 34932A Datasheet HTML 5Page - Keysight Technologies 34932A Datasheet HTML 6Page - Keysight Technologies 34932A Datasheet HTML 7Page - Keysight Technologies 34932A Datasheet HTML 8Page - Keysight Technologies 34932A Datasheet HTML 9Page - Keysight Technologies 34932A Datasheet HTML 10Page - Keysight Technologies 34932A Datasheet HTML 11Page - Keysight Technologies 34932A Datasheet HTML 12Page - Keysight Technologies 34932A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
09 | Keysight | 34980A Multifunction Switch/Measure Unit - Data Sheet
34980A multiplexer switch modules
The 34980A multiplexer modules can be used to connect one of many different points to
a single point. You can connect to an external instrument, or scan multiple analog signals
to the internal DMM.
Choose from the following features:
1-wire, 2-wire, or 4-wire conigurations
High voltage—up to 300 V, 1 A
High density—70 2-wire or 80 1-wire channels
– Scan up to 1000ch/sec with the 34925A
– Bandwidths up to 45 MHz
Temperature measurements with built-in thermocouple reference junction (34921T)
AC or DC current measurements without external shunts
Flexible connections via standard 50- or 78- pin Dsub cables or detachable terminal
blocks
Figure 4. 34921A 40-channel armature multiplexer with low thermal offset (bank 2)
Table 2. Multiplexer measurement functions
Voltage
AC/DC
Current
AC/DC
Freq/
Period
Ω 2-Wire
Ω 4-Wire
Thermo-
couple
RTD
2-Wire
RTD
4-Wire
Thermistor
34921A Armature Multiplexer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
34922A Armature Multiplexer
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
34923A Reed Multiplexer (2-wire)
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
34923A Reed Multiplexer (1-wire)
Yes
No
Yes
Yes
No
Yes
Yes
No
Yes
34924A Reed Multiplexer
Yes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
34925A FET Multiplexer (2-wire)
Yes
No
Yes
Yes
es
Yes
No
Yes
No
34925A FET Multiplexer (1-wire)
Yes
No
Yes
Yes
No
Yes
No
No
No
NOTE
: See User’s Guide for additional information.


Similar Part No. - 34932A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34932T KEYSIGHT-34932T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results

Similar Description - 34932A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34931T KEYSIGHT-34931T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34946A KEYSIGHT-34946A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34947A KEYSIGHT-34947A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34933T KEYSIGHT-34933T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34939A KEYSIGHT-34939A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34945A KEYSIGHT-34945A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34951A KEYSIGHT-34951A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34942A KEYSIGHT-34942A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
logo
Agilent(Hewlett-Packard...
34980A HP-34980A Datasheet
1Mb / 31P
   Multifunction Switch/Measure Unit
logo
Keysight Technologies
34924T KEYSIGHT-34924T Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
34925A KEYSIGHT-34925A Datasheet
1Mb / 35P
   Multifunction Switch/Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com