Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-850-352G-NG2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-850-352G-NG2
Description  PRESSURE TRANSDUCERS WITH AMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-850-352G-NG2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-850-352G-NG2 Datasheet HTML 1Page - Copal Electronics PA-850-352G-NG2 Datasheet HTML 2Page - Copal Electronics PA-850-352G-NG2 Datasheet HTML 3Page - Copal Electronics PA-850-352G-NG2 Datasheet HTML 4Page - Copal Electronics PA-850-352G-NG2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4
1
2
3
PRESSURE TRANSDUCERS WITH AMP.
PA-850
Part name
Material
Plastic cover
Housing
Stainless steel diaphragm
Fitting
1
2
3
4
ABS (Acrylonitrile butadiene
styrene)
+ PC (Polycarbonate)
SUS 316L
SUS 316L
SUS 316L
INTERNAL STRUCTURE
PA-850 (R 1/4)
FEATURES
MODEL NUMBER DESIGNATION
PA-850 - 102 R - N R2
Series name
Pressure reference
Rated pressure range
G
:Gauge
V
:Gauge (Vacuum)
R
:Compound
A
:Absolute
102
:0 ~ 100 kPa
352
:0 ~ 350 kPa
103
:0 ~ 1000 kPa
102
:0 ~
− 100 kPa
102
− 100 ~ 100 kPa
302
− 100 ~ 300 kPa
102
:0 ~ 100 kPa abs
Fitting
R2
:R 1/4 with M 5 female screw
GF
:G 3/8 with flash diaphragm
G2
:G 1/4 with M 5 female screw
Switch output interface
N
:NPN open collector
(Upper limit mode)
P
:PNP open collector
(Upper limit mode)
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
O High corrosion resistance and drip-proof construction
Pressure port attachment made of SUS 316L
Proven IP-65 grade gauge body (IP-65 in accordance with IEC)
O Standard product provides both a switch output
(hysteresis adjustable) and an analog output
O Absolute pressure type and compound pressure type
which can control negative to positive pressure with only
a single pressure gauge are all in line
O Three standard types of joint are provided
R2 : R 1/4 (M 5 female screw)
GF : G 3/8 with flash diaphragm
G2 : G 1/4 (M 5 female screw)


Similar Part No. - PA-850-352G-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-850 COPAL-PA-850 Datasheet
1Mb / 4P
   Pressure transducer with amp
More results

Similar Description - PA-850-352G-NG2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com