Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34906A Datasheet(PDF) 3 Page - Keysight Technologies

Part # 34906A
Description  Data Acquisition/Switch Unit Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

34906A Datasheet(HTML) 3 Page - Keysight Technologies

  34906A Datasheet HTML 1Page - Keysight Technologies 34906A Datasheet HTML 2Page - Keysight Technologies 34906A Datasheet HTML 3Page - Keysight Technologies 34906A Datasheet HTML 4Page - Keysight Technologies 34906A Datasheet HTML 5Page - Keysight Technologies 34906A Datasheet HTML 6Page - Keysight Technologies 34906A Datasheet HTML 7Page - Keysight Technologies 34906A Datasheet HTML 8Page - Keysight Technologies 34906A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
handle it. The internal autoranging DMM directly measures
11 different functions, eliminating the need for expensive
external signal conditioning. And our unique design allows
complete per channel configurability for maximum flexibility
and quick, easy set up. It’s like having an independent,
high-performance DMM behind each channel.
Standard connectivity to the PC
Whether you use GPIB, RS-232, LAN or USB interfaces, the
34970A/34972A family offers easy connection to the PC.
The 34970A offers traditional GPIB and RS-232 interfaces.
The 34972A has built-in Gigabit LAN and USB 2.0 so you
can connect to a modern PC without having to purchase
any GPIB cards, cables or converter boxes. With the stan-
dard LAN connections you also get the added benefit of a
graphical Web interface for easy configuration of measure-
ments and monitoring of results using a standard Web
browser.
Convenient data storage with USB flash drive
The 34972A also features a built-in USB memory port so
that you can use a USB flash drive to upload BenchLink
Data Logger configurations into the 34972A and collect
data without being connected to a PC. Data can be logged
directly to the USB flash drive, extending your instrument’s
memory, or copied from internal memory for transfer to a
computer in another location.
Features
Price and performance beyond compare
Go ahead and compare the Keysight Technologies, Inc.
34970A and 34972A Data Acquisition/Switch Units with
other data acquisition systems currently available. You’ll
find it hard to come up with a system that offers the
powerful measurement performance, flexibility, connectivity
options and ease of use of the 34970A/34972A—even in
systems costing three to five times as much.
What can you expect from a data
acquisition system that’s this affordable?
Measurements you can trust
We took the measurement engine from our best-selling
benchtop DMM and embedded it inside a 3-slot mainframe.
You get the benefit of proven Keysight measurement
performance, universal inputs with built-in signal condition-
ing, and modular flexibility, all in a low-cost, compact data
acquisition package. The 34970A/34972A features 6½
digits (22 bits) of resolution, 0.004% basic dcV accuracy,
and ultra-low reading noise. Combine that with scan rates
of up to 250 channels/sec, and you’ve got the speed and
accuracy you need to get the job done right the first time.
Built-in signal conditioning to get your job
done
Whether you need to measure temperature, ac/dc volts,
resistance, frequency, or current, the 34970A/34972A can


Similar Part No. - 34906A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3490 ASM-SENSOR-3490 Datasheet
1Mb / 2P
   ANALOG MW HiTESTER
logo
List of Unclassifed Man...
3490 ETC2-3490 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
3490 ETC2-3490 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
3490 ETC2-3490 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Heyco.
3490 HEYCO-3490 Datasheet
106Kb / 1P
   Beaded Ties
More results

Similar Description - 34906A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34904A KEYSIGHT-34904A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34907A KEYSIGHT-34907A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34908A KEYSIGHT-34908A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34970A KEYSIGHT-34970A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34903A KEYSIGHT-34903A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34902A KEYSIGHT-34902A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
34972A KEYSIGHT-34972A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
logo
Hitachi Semiconductor
HD46508 HITACHI-HD46508 Datasheet
1Mb / 20P
   ADU(Analog Data Acquisition Unit)
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com