Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9172-32CM Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9172-32CM
Description  3A FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172-32CM Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9172-32CM Datasheet HTML 1Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 2Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 3Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 4Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 5Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 6Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 7Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 8Page - Richtek Technology Corporation RT9172-32CM Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9172
Preliminary
www.richtek-ic.com.tw
DS9172-03 April 2002
2
Part Number
Pin Configurations
RT9172N-
CT5
RT9172F-
CT5
(Plastic TO-220-5)
TOP VIEW
1. EN
2. VIN
3. GND (TAB)
4. VOUT
5. SENSE/FLG
RT9172N-
CM5
RT9172F-
CM5
(Plastic TO-263-5)
TOP VIEW
1. EN
2. VIN
3. GND (TAB)
4. VOUT
5. SENSE/FLG
Part Number
Pin Configurations
RT9172S-
CT5
(Plastic TO-220-5)
TOP VIEW
1. VIN
2. EN
3. GND (TAB)
4. SENSE
5. VOUT
RT9172S-
CM5
(Plastic TO-263-5)
TOP VIEW
1. VIN
2. EN
3. GND (TAB)
4. SENSE
5. VOUT
Typical Application Circuit
Fig. 1
Fig. 2
Fig. 3
Recommend COUT: (1) 10
µF (or larger) electrolytic or tantalum capacitance
(2) 1
µF or 10µF ceromic capacitor parrell with 100µF electrolytic or tantalum capacitance
VIN = 3.3V
VIN
VOUT
GND
COUT
VOUT
2.5V, 3A
CIN
1
µF
RT9172-25
VIN
VOUT
EN
GND SENSE
COUT
L
O
A
D
ILOAD
VLOAD = 2.5V
RT9172N-25
VIN = 3.3V
CIN
10
µF
Trace resistance = Rt
VIN
VOUT
EN
GND
FLG
COUT
10K
10K
VOUT = 2.5V
L
O
A
D
ILOAD
Trace resistance = Rt
VLOAD = 2.5V-ILOADRt
RT9172F-25
VIN = 3.3V
CIN
10
µF
1 2 345
12 3 4 5
12 3 4 5
12 3 4 5


Similar Part No. - RT9172-32CM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172F-15GM RICHTEK-RT9172F-15GM Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172-32CM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
   3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
   3A LDO VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com